Zakładka z wyszukiwarką danych komponentów |
|
GS81314LQ19GK-800I Arkusz danych(PDF) 9 Page - GSI Technology |
|
GS81314LQ19GK-800I Arkusz danych(HTML) 9 Page - GSI Technology |
9 / 39 page GS81314LQ19/37GK-933/800 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.02 3/2016 9/39 © 2015, GSI Technology Configuration Registers These devices utilize a set of registers for device configuration. The configuration registers are written via Register Write Mode, which is initiated by asserting MRW High and R Low. When Register Write Mode is utilized, up to sixteen distinct 6-bit registers can be programmed using SDR timing on the SA[10:1] address input pins. The D data input pins are not used. Note: Register Write Mode only provides the ability to write the configuration registers. The ability to read the configuration regis- ters is provided via a private JTAG instruction and register. Please contact GSI for more information. Register Write Mode can be utilized in two ways: 1. Asynchronous Method: MRW is driven asynchronously, such that is does not meet setup and hold time specs to CK. 2. Synchronous Method: MRW is driven synchronously, such that is meets setup and hold time specs to CK. Regardless how Register Write Mode is utilized, at least 16 NOPs must be initiated before beginning a Register Write sequence, to ensure any previous Read and Write operations are completed before the sequence begins. And, at least 16 NOPs must be initiated after completing a Register Write sequence and before initiating Read and Write operations, and before utilizing Loopback Mode, to allow sufficient time for the newly programmed register settings to take effect. Register Write Mode Utilization - Asynchronous Method Register Write Mode can be utilized asynchronously up to the full operating speed of the device. When Register Write Mode is uti- lized asynchronously, there are two cases to consider: 1. Pre Input Training: SA[10:1], R, W are driven such that they do not meet setup and hold time specs to CK. 2. Post Input Training: SA[10:1], R, W are driven such that they meet setup and hold time specs to CK. Each case is examined separately below. Pre Input Training Requirements In this case, MRW, R, W, and SA[10:1] are all driven asynchronously. When Register Write Mode is utilized in this manner, only one register can be programmed during any particular instance that MRW is asserted High. The requirements for this usage case are as follows: • At least 16 NOPs must be initiated before and after the Register Write sequence. • MRW High must meet minimum pulse width requirements (tMRWPW). • R Low and SA[10:1] Valid must meet minimum setup time requirements (tMRWS) to MRW High. • R Low and SA[10:1] Valid must meet minimum hold time requirements (tMRWH) from MRW Low. • W High must also meet minimum setup time requirements (tMRWS) to MRW High, if inadvertent memory writes are to be pre- vented during the Register Write process. Otherwise, W state is “don’t care”. • W High must also meet minimum hold time requirements (tMRWH) from MRW Low, if inadvertent memory writes are to be prevented during the Register Write process. Otherwise, W state is “don’t care”. Note: tMRWPW = tMRWS = tMRWH = 4 cycles (minimum). Note: Inadvertent memory reads will occur while MRW and R are Low during the Register Write process. The memory reads are harmless, and can be ignored. |
Podobny numer części - GS81314LQ19GK-800I |
|
Podobny opis - GS81314LQ19GK-800I |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |