Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS81314LQ36GK-120 Arkusz danych(PDF) 11 Page - GSI Technology

Numer części GS81314LQ36GK-120
Szczegółowy opis  Burst of 2 Multi-Bank ECCRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81314LQ36GK-120 Arkusz danych(HTML) 11 Page - GSI Technology

Back Button GS81314LQ36GK-120 Datasheet HTML 7Page - GSI Technology GS81314LQ36GK-120 Datasheet HTML 8Page - GSI Technology GS81314LQ36GK-120 Datasheet HTML 9Page - GSI Technology GS81314LQ36GK-120 Datasheet HTML 10Page - GSI Technology GS81314LQ36GK-120 Datasheet HTML 11Page - GSI Technology GS81314LQ36GK-120 Datasheet HTML 12Page - GSI Technology GS81314LQ36GK-120 Datasheet HTML 13Page - GSI Technology GS81314LQ36GK-120 Datasheet HTML 14Page - GSI Technology GS81314LQ36GK-120 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
GS81314LQ18/36GK-133/120/106
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.09 5/2016
11/40
© 2014, GSI Technology
Register Write Mode Utilization - Synchronous Method
Register Write Mode can also be utilized synchronously up to the full operating speed of the device. However, MRW cannot be
trained using Loopback Mode, so the ability to use it synchronously may be limited to slower operating frequencies where the lack
of training capability is less problematic for the user.
In this case, MRW, R, W, and SA[10:1] are all driven synchronously (i.e. they all meet setup and hold time specs to
CK). When
Register Write Mode is utilized in this manner, multiple registers can be programmed in successive cycles. The timing diagrams
below arbitrarily show four registers programmed in successive cycles, but in practice it can be any number greater than or equal to
one.
The requirements for this usage case are as follows:
• At least 16 NOPs must be initiated before and after the Register Write(s).
• MRW must be driven High (synchronously), R must be driven Low (synchronously), and SA[10:1] must be driven Valid (syn-
chronously) for each Register Write.
• W state is a “don’t care” (synchronously) for each Register Write.
Synchronous Register Write Timing Diagram
CK
SA[10:1]
W
Register Write Mode
16 NOPs
Read / Write
Read / Write
16 NOPs
Reg #d
Reg #a
MRW
Reg #b
Reg #c
tIVKH tKHIX
tRVKH tKHRX
R
X
X
X
X
V
V
V
V
V
V
V
V
V


Podobny numer części - GS81314LQ36GK-120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS81314LQ36GK-120I GSI-GS81314LQ36GK-120I Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
More results

Podobny opis - GS81314LQ36GK-120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS81314LQ18GK-120 GSI-GS81314LQ18GK-120 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-106I GSI-GS81314LQ36GK-106I Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ18GK-106 GSI-GS81314PQ18GK-106 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ36GK-106 GSI-GS81314PQ36GK-106 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ18GK-133 GSI-GS81314LQ18GK-133 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-120I GSI-GS81314LQ36GK-120I Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ18GK-120 GSI-GS81314PQ18GK-120 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ36GK-120I GSI-GS81314PQ36GK-120I Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ18GK-120I GSI-GS81314PQ18GK-120I Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ18GK-106 GSI-GS81314LQ18GK-106 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com