Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC2200IRHBR Arkusz danych(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części TSC2200IRHBR
Szczegółowy opis  PDA ANALOG INTERFACE CIRCUIT
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2200IRHBR Arkusz danych(HTML) 8 Page - Burr-Brown (TI)

Back Button TSC2200IRHBR Datasheet HTML 4Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 5Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 6Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 7Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 8Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 9Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 10Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 11Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
www.ti.com
TSC2200
SBAS191F
FIGURE 1. Typical Circuit Configuration.
OVERVIEW
The TSC2200 is an analog interface circuit for human inter-
face devices. A register-based architecture eases integration
with microprocessor-based systems through a standard SPI
bus. All peripheral functions are controlled through the reg-
isters and onboard state machines.
The TSC2200 consists of the following blocks (refer to the
block diagram on the front page):
Touch Screen Interface
Keypad Interface
Battery Monitors
Auxiliary Inputs
Temperature Monitor
Current Output D/A Converter
Communication to the TSC2200 is via a standard SPI serial
interface. This interface requires that the Slave Select signal be
driven LOW to communicate with the TSC2200. Data is then
shifted into or out of the TSC2200 under control of the host
microprocessor, which also provides the serial data clock.
Control of the TSC2200 and its functions is accomplished by
writing to different registers in the TSC2200. A simple com-
mand protocol is used to address the 16-bit registers. Reg-
isters control the operation of the A/D converter, D/A con-
verter, and keypad scanner.
The result of measurements made will be placed in the
TSC2200’s memory map and may be read by the host at any
time. Three signals are available from the TSC2200 to indicate
that data is available for the host to read. The DAV output
indicates that an A/D conversion has completed and that data
is available. The KBIRQ output indicates that a key on the
keypad has been pressed. The PENIRQ output indicates that
a touch has been detected on the touch screen. A typical
application of the TSC2200 is shown in Figure 1.
+
Auxiliary Input
Auxiliary Input
Pen Interrupt Request
Serial Data Out
Data Available
Serial Data In
Slave Select
Serial Clock
1
µF
to
10
µF
(Optional)
+2.7V to +3.3V
Touch
Screen
0.1
µF
+V
DD
X+
Y+
X–
Y–
GND
V
BAT1
V
BAT2
V
REF
KBIRQ
R1
R2
R3
R4
AUX1
AUX2
ARNG
A
OUT
PENIRQ
MISO
DAV
MOSI
SS
SCLK
C4
C3
C2
C1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
TSC2200IPW
+
1
µF
to
10
µF
(Optional)
0.1
µF
Main
Battery
Secondary
Battery
Keypad
Keyboard Interrupt Request
LCD Contrast
Voltage
Regulator
RRNG


Podobny numer części - TSC2200IRHBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSC2200IRHBR TI1-TSC2200IRHBR Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
More results

Podobny opis - TSC2200IRHBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200 TI1-TSC2200_16 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC320AD56 TI1-TLC320AD56 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC320AC01C TI1-TLC320AC01C_15 Datasheet
449Kb / 92P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC02C TI1-TLC320AC02C_15 Datasheet
482Kb / 86P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com