Zakładka z wyszukiwarką danych komponentów |
|
GS81313LQ18GK-800I Arkusz danych(PDF) 11 Page - GSI Technology |
|
GS81313LQ18GK-800I Arkusz danych(HTML) 11 Page - GSI Technology |
11 / 26 page GS81313LQ18/36GK-800/714/600 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.13 7/2016 11/26 © 2014, GSI Technology Absolute Maximum Ratings Parameter Symbol Rating Units Notes Core Supply Voltage VDD -0.3 to +1.4 V I/O Supply Voltage VDDQ -0.3 to VDD V Input Voltage (HS) VIN1 -0.3 to VDDQ + 0.3 V 2 VIN2 VDDQ - 1.5 to +1.7 Input Voltage (LS) VIN3 -0.3 to VDDQ + 0.3 V 3 Junction Temperature TJ 0 to 125 C Storage Temperature TSTG -55 to 125 C Notes: 1. Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recom- mended Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions for an extended period of time may affect reliability of this component. 2. Parameters apply to High Speed Inputs: CK, CK, KD, KD, SA, D, R, W. VIN1 and VIN2 must both be met. 3. Parameters apply to Low Speed Inputs: RST, PLL, MZT, PZT. Recommended Operating Conditions Parameter Symbol Min Typ Max Units Notes Core Supply Voltage VDD 1.2 1.25 1.35 V I/O Supply Voltage VDDQ 1.15 1.2 VDD V Commercial Junction Temperature TJC 0 — 85 C Industrial Junction Temperature TJI -40 — 100 C Note: For reliability purposes, power supplies must power up simultaneously, or in the following sequence: VSS, VDD, VDDQ, VREF, and Inputs. Power supplies must power down simultaneously, or in the reverse sequence. Thermal Impedances Package JA (C°/W) Airflow = 0 m/s JA (C°/W) Airflow = 1 m/s JA (C°/W) Airflow = 2 m/s JB (C°/W) JC (C°/W) FBGA 13.67 10.28 9.31 3.08 0.13 |
Podobny numer części - GS81313LQ18GK-800I |
|
Podobny opis - GS81313LQ18GK-800I |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |