Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA24-11GWA Arkusz danych(PDF) 1 Page - Kingbright Corporation

Numer części TA24-11GWA
Szczegółowy opis  60.8 MM 5 X 8 DOT MATRIX DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TA24-11GWA Arkusz danych(HTML) 1 Page - Kingbright Corporation

  TA24-11GWA Datasheet HTML 1Page - Kingbright Corporation TA24-11GWA Datasheet HTML 2Page - Kingbright Corporation TA24-11GWA Datasheet HTML 3Page - Kingbright Corporation TA24-11GWA Datasheet HTML 4Page - Kingbright Corporation TA24-11GWA Datasheet HTML 5Page - Kingbright Corporation TA24-11GWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: KDA0396
REV NO: V.1
DATE: SEP/20/2001
PAGE: 1 OF 6
APPROVED:J.LU
CHECKED:
DRAWN:X.Q.ZHENG
60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAYS
Description
The High Efficiency Red source color devices are made with
GalliumArsenidePhosphideonGalliumPhosphideOrange
LightEmittingDiode.
The Green source color devices are made with Gallium
PhosphideGreenLightEmittingDiode.
The Yellow source color devices are made with Gallium
ArsenidePhosphideonGalliumPhosphideYellowLight
EmittingDiode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Features
!
2.4 INCH MATRIX HEIGHT.
!
DOT SIZE 5mm.
!
LOW CURRENT OPERATION.
!
HIGH CONTRAST AND LIGHT OUTPUT.
!
COMPATIBLE WITH ASCII AND EBCDIC CODES.
!
STACKABLE HORIZONTALLY.
!
COLUMN CATHODE AND COLUMN ANODE
AVAILABLE.
!
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
!
MULTICOLOR AVAILABLE.
!
CATEGORIZED FOR LUMINOUS INTENSITY,
YELLOW AND GREEN CATEGORIZED FOR COLOR.
!
MECHANICALLY RUGGED.
!
STANDARD : GRAY FACE, WHITE DOT.
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change whitout notice.
TA24-11EWA/GWA/YWA/SRWA
TC24-11EWA/GWA/YWA/SRWA
TBA24-11EGWA
TBC24-11EGWA
TBA24-22EGWA
TBC24-22EGWA


Podobny numer części - TA24-11GWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
TA24-11GWA KINGBRIGHT-TA24-11GWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
More results

Podobny opis - TA24-11GWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
GMA2885C FAIRCHILD-GMA2885C Datasheet
602Kb / 8P
   2.3 5 X 8 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
Everlight Electronics C...
ELM-M2881GWA EVERLIGHT-ELM-M2881GWA Datasheet
232Kb / 5P
   2.3inch 8 x 8 Dot Matrix Displays
logo
Fairchild Semiconductor
GMA2888C FAIRCHILD-GMA2888C Datasheet
620Kb / 8P
   2.3 8 X 8 DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Everlight Electronics C...
ELM-2082SURWA EVERLIGHT-ELM-2082SURWA Datasheet
198Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-2081SURWA EVERLIGHT-ELM-2081SURWA Datasheet
195Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-1081SYGWA EVERLIGHT-ELM-1081SYGWA Datasheet
194Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com