Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4403 Arkusz danych(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części 2N4403
Szczegółowy opis  TO-92 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2N4403 Arkusz danych(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2N4403 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N4403 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N4403 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N4403 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N4403 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.cj-elec.com

*$XJ
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
MLQ
T\S
MD[
UQLW
Collector-base breakdown voltage
V(BR)CBO
IC=-100 A,IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100 A,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-35V,IE=0
-100
nA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-100
nA
hFE(1)
VCE=-1V,IC=-0.1mA
30
hFE(2)
VCE=-1V,IC=-1mA
60
hFE(3)
VCE=-1V,IC=-10mA
100
hFE(4)
VCE=-V,IC=-150mA
100
300
DC current gain
hFE(5)
VCE=-2V,IC=-500mA
20
VCE(sat)1
IC=-150mA,IB=-15mA
-0.4
V
Collector-emitter saturation voltage
VCE(sat)2
IC=-500mA,IB=-50mA
-0.75
V
VBE(sat)1
IC=-150mA,IB=-15mA
-0.75
-0.95
V
Base-emitter saturation voltage
VBE(sat)2
IC=-500mA,IB=-50mA
-1.3
V
Transition frequency
fT
VCE=-10V,IC=-20mA,f=100MHz
200
MHz
Collector capacitance
Cob
VCB=-10V,IE=0,f=100KHz
8.5
pF
Delay time
td
15
n
Rise time
tr
20
n
Storage time
tS
225
n
Fall time
tf
VCC=-30V, IC=-150mA
IB1=- IB2=-15mA
30
nS


Podobny numer części - 2N4403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N4403 CENTRAL-2N4403 Datasheet
756Kb / 4P
   SILICON PNP TRANSISTORS
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
297Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996
logo
Rohm
2N4403 ROHM-2N4403 Datasheet
90Kb / 4P
   PNP Medium Power Transistor (Switching)
logo
Micro Commercial Compon...
2N4403 MCC-2N4403 Datasheet
180Kb / 4P
   PNP General Purpose Amplifier
logo
SEMTECH ELECTRONICS LTD...
2N4403 SEMTECH_ELEC-2N4403 Datasheet
333Kb / 5P
   PNP Epitaxial Silicon Transistor
More results

Podobny opis - 2N4403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com