Zakładka z wyszukiwarką danych komponentów |
|
GS81302D38E-500I Arkusz danych(PDF) 10 Page - GSI Technology |
|
GS81302D38E-500I Arkusz danych(HTML) 10 Page - GSI Technology |
10 / 31 page Byte Write Clock Truth Table BW BW BW BW Current Operation D D D D K (tn+1) K (tn+1½) K (tn+2) K (tn+2½) K (tn) K (tn+1) K (tn+1½) K (tn+2) K (tn+2½) T T T T Write Dx stored if BWn = 0 in all four data transfers D0 D2 D3 D4 T F F F Write Dx stored if BWn = 0 in 1st data transfer only D0 X X X F T F F Write Dx stored if BWn = 0 in 2nd data transfer only X D1 X X F F T F Write Dx stored if BWn = 0 in 3rd data transfer only X X D2 X F F F T Write Dx stored if BWn = 0 in 4th data transfer only X X X D3 F F F F Write Abort No Dx stored in any of the four data transfers X X X X Notes: 1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”. 2. If one or more BWn = 0, then BW = “T”, else BW = “F”. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.05c 8/2017 10/31 © 2011, GSI Technology GS81302D06/11/20/38E-500/450/400/350 |
Podobny numer części - GS81302D38E-500I |
|
Podobny opis - GS81302D38E-500I |