Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCX52 Arkusz danych(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części BCX52
Szczegółowy opis  SOT-89-3L Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BCX52 Arkusz danych(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BCX52 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCX52 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCX52 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCX52 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCX52 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
T est
conditions
Min
Typ
Max
Unit
BCX51
-45
BCX52
-60
Collector-base breakdown voltage
V(BR)CBO
IC=-100µA,IE=0
BCX53
-100
V
BCX51
-45
BCX52
-60
Collector-emitter breakdown voltage
V(BR)CEO*
IC=-1
0mA,IB=0
BCX53
-80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
µA
hFE(1)*
VCE=-2V, IC=-5mA
63
hFE(2)*
VCE=-2V, IC=-150mA
63
250
DC current gain
hFE(3)*
VCE=-2V, IC=-0.5A
40
Collector-emitter saturation voltage
VCE(sat)*
IC=-0.5A,IB=-50mA
-0.5
V
Base -emitter voltage
VBE*
VCE=-2V, IC=-0.5A
-1
V
Transition frequency
fT
VCE=-5V,IC=-10mA, f=100MHz
50
MHz
CLASSIFICATION OF hFE(2)
RANK
BCX51
BCX52
BCX53
BCX51-10
BCX52-10
BCX53-10
BCX51-16
BCX52-16
BCX53-16
RANGE
63
–250
63
–160
100
–250
* Pulse Test
www.cj-elec.com
2
E,Nov,2015


Podobny numer części - BCX52

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BCX52 PHILIPS-BCX52 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Central Semiconductor C...
BCX52 CENTRAL-BCX52 Datasheet
290Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Jiangsu Changjiang Elec...
BCX52 JIANGSU-BCX52 Datasheet
1Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCX52 SIEMENS-BCX52 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
NXP Semiconductors
BCX52 NXP-BCX52 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
More results

Podobny opis - BCX52

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC5785 JIANGSU-2SC5785 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
2SD1766 JIANGSU-2SD1766 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SA1013 JIANGSU-2SA1013 Datasheet
11Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX54 JIANGSU-BCX54 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX69 JIANGSU-BCX69 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
D882H JIANGSU-D882H Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX55 JIANGSU-BCX55 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BSR33 JIANGSU-BSR33 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com