Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD136 Arkusz danych(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części BD136
Szczegółowy opis  TO-126 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BD136 Arkusz danych(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BD136 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BD136 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BD136 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BD136 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Characteristics
-1
-10
-100
-1000
-0
-400
-800
-1200
-100
10
-200
-400
-600
-800
-1000
-1
-10
-100
-1000
-1
-10
-100
-1000
0
50
100
150
200
250
300
-1
-10
-100
-1000
-1
-10
-100
-1000
-0
-2
-4
-6
-0
-30
-60
-90
-120
-150
-180
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-0.1
-1
-10
10
100
1000
V
BE
h
FE
——
-1500
β=10
I
C
V
BEsat
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
f
T
——
COMMON EMITTER
V
CE= -2V
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
——
COMMON EMITTER
V
CE=-2V
T
a=100
T
a=25
-1500
BASE-EMMITER VOLTAGE V
BE (mV)
COMMON EMITTER
V
CE=-2V
-1500
I
C
T
a=25
T
a=100
COLLECTOR CURRENT I
C
(mA)
200
-1500
β=10
T
a=100
T
a=25
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
-1mA
-0.9mA
-0.8mA
-0.7mA
-0.6mA
-0.5mA
-0.4mA
-0.3mA
Static Characteristic
-0.2mA
I
B=-0.1mA
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
100
30
-30
-10
f=1MHz
I
E=0/IC=0
T
a=25
-20
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
www.cj-elec.com
3
D,Aug,2017


Podobny numer części - BD136

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BD136 MOTOROLA-BD136 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
logo
ON Semiconductor
BD136 ONSEMI-BD136 Datasheet
42Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
April, 2005 ??Rev. 12
logo
Fairchild Semiconductor
BD136 FAIRCHILD-BD136 Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
logo
NXP Semiconductors
BD136 PHILIPS-BD136 Datasheet
44Kb / 8P
   PNP power transistors
1999 Apr 12
logo
KEC(Korea Electronics)
BD136 KEC-BD136 Datasheet
69Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Podobny opis - BD136

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
MJE170 JIANGSU-MJE170 Datasheet
919Kb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SB1167 JIANGSU-2SB1167 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD138 JIANGSU-BD138 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
BD233 JIANGSU-BD233 Datasheet
285Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD433 JIANGSU-BD433 Datasheet
939Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
2SD669AL JIANGSU-2SD669AL Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
3DA882 JIANGSU-3DA882 Datasheet
954Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MJE13003 DGNJDZ-MJE13003 Datasheet
171Kb / 1P
   TO-126 Plastic-Encapsulate Transistors
D882 DGNJDZ-D882 Datasheet
397Kb / 2P
   TO-126 Plastic-Encapsulate Transistors
BD439 DGNJDZ-BD439 Datasheet
2Mb / 5P
   TO-126 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com