Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N136-X019T Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części 6N136-X019T
Szczegółowy opis  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N136-X019T Arkusz danych(HTML) 6 Page - Vishay Siliconix

Back Button 6N136-X019T Datasheet HTML 2Page - Vishay Siliconix 6N136-X019T Datasheet HTML 3Page - Vishay Siliconix 6N136-X019T Datasheet HTML 4Page - Vishay Siliconix 6N136-X019T Datasheet HTML 5Page - Vishay Siliconix 6N136-X019T Datasheet HTML 6Page - Vishay Siliconix 6N136-X019T Datasheet HTML 7Page - Vishay Siliconix 6N136-X019T Datasheet HTML 8Page - Vishay Siliconix 6N136-X019T Datasheet HTML 9Page - Vishay Siliconix 6N136-X019T Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6N135, 6N136
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 02-Nov-15
6
Document Number: 83604
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 11 - Common-Mode Interference Immunity
PACKAGE DIMENSIONS (in millimeters)
DIP-8, Standard
i6n135_02
VCM
VO
VO
10 V
5V
0V
VOL
90 %
10 %
90 %
10 %
tr
tf
t
t
t
A: IF = 0 mA
B: IF = 16 mA
1
2
3
4
8
7
6
5
B
VFF
IF
+VCM
VO
RL
5V
A
Pulse generator
Z O = 50 Ω
tr,tf = 8 ns
10.16 max.
9.75 ± 0.15
1.27 ± 0.10
0.50 ± 0.10
2.54 nom.
3 x 2.54 = 7.62
0.95 ± 0.20
7.62 typ.
6.70 ± 0.15
7° typ.
0.25 ± 0.10
PIN ONE I.D.
8765
2
14
3


Podobny numer części - 6N136-X019T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
6N136-X019T VISHAY-6N136-X019T Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
More results

Podobny opis - 6N136-X019T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N1135 VISHAY-6N1135 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com