Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTA1273 Arkusz danych(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części KTA1273
Szczegółowy opis  SOT-89-3L Plastic-Encapsulate Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KTA1273 Arkusz danych(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KTA1273 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A,Nov,2010
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-89-3L Plastic-Encapsulate Transistors
KTA1273
TRANSISTOR (PNP)
FEATURES
High Current
Low Voltage
Complementary to KTC3205
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-1mA,IE=0
-30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-100
nA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-100
nA
DC current gain
hFE
VCE=-2V, IC=-0.5A
100
320
Collector-emitter saturation voltage
VCE(sat)
IC=-1.5A,IB=-30mA
-2
V
Base-emitter voltage
VBE
VCE=-2V, IC=-500mA
-1
V
Transition frequency
fT
VCE=-2V,IC=-500mA
120
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
48
pF
CLASSIFICATION OF hFE
RANK
O
Y
RANGE
100–200
160–320
MARKING
1273
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-30
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-2
A
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150


Podobny numer części - KTA1273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTA1273 KEC-KTA1273 Datasheet
278Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Shenzhen Jin Yu Semicon...
KTA1273 HTSEMI-KTA1273 Datasheet
304Kb / 1P
   TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
KTA1273 WINNERJOIN-KTA1273 Datasheet
123Kb / 1P
   TRANSISTOR (PNP)
logo
KEC(Korea Electronics)
KTA1273 KEC-KTA1273 Datasheet
83Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA1273 BILIN-KTA1273 Datasheet
232Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
More results

Podobny opis - KTA1273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC5785 JIANGSU-2SC5785 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
2SD1766 JIANGSU-2SD1766 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SA1013 JIANGSU-2SA1013 Datasheet
11Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX54 JIANGSU-BCX54 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX69 JIANGSU-BCX69 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
D882H JIANGSU-D882H Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX55 JIANGSU-BCX55 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BSR33 JIANGSU-BSR33 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com