Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTA1504 Arkusz danych(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części KTA1504
Szczegółowy opis  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KTA1504 Arkusz danych(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KTA1504 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1504 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1504 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1504 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.080
0.150
0.003
0.006
D
2.800
3.000
0.110
0.118
E
1.200
1.400
0.047
0.055
E1
2.250
2.550
0.089
0.100
e
e1
1.800
2.000
0.071
0.079
L
L1
0.300
0.500
0.012
0.020
θ
0.550 REF
0.022 REF
Symbol
Dimensions In Inches
Dimensions In Millimeters
0.950 TYP
0.037 TYP
SOT-23 Package Outline Dimensions
SOT-23 Suggested Pad Layout
www.cj-elec.com
3
A,Jun,2014
www.cj-elec.com
B,Jul,2014


Podobny numer części - KTA1504

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTA1504 KEC-KTA1504 Datasheet
260Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Galaxy Semi-Conductor H...
KTA1504 BILIN-KTA1504 Datasheet
230Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
logo
Weitron Technology
KTA1504 WEITRON-KTA1504 Datasheet
210Kb / 3P
   PNP General Purpose Transistors
logo
Shenzhen Jin Yu Semicon...
KTA1504 HTSEMI-KTA1504 Datasheet
366Kb / 1P
   TRANSISTOR (PNP)
logo
SeCoS Halbleitertechnol...
KTA1504 SECOS-KTA1504 Datasheet
58Kb / 1P
   -0.15A , -50V PNP Plastic Encapsulated Transistor
More results

Podobny opis - KTA1504

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com