Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2618LS Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części 2SK2618LS
Szczegółowy opis  N- Channel MOS Silicon FET Very High-Speed Switching Applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2618LS Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  2SK2618LS Datasheet HTML 1Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
960329TM2fXHD
2SK2618LS
Absolute Maximum Ratings / Ta=25
°C
Electrical Characteristics / Ta=25
°C
Switching Time Test Circuit
TENTATIVE
Case Outline
Features and Applications
• Low ON-state resistance.
• Low Qg
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Ttokyo Bldg., 1-10,1 Chome, Ueno, taito-ku, 110 JAPAN
50
P.G
2SK2618LS
S
G
D
VOUT
VDD=200V
ID=3A
RL=66.7
PW=1
µS
D.C.
≤0.5%
VGS=15V
RGS
Specifications and information herein are subject to change without notice.
10.0
0.9
1.2
0.75
4.5
2.8
0.7
2.55
2.55
1
2
3
TO-220FI(LS)
(unit:mm)
φ 3.2
N- Channel MOS Silicon FET
Very High-Speed Switching Applications
500
±30
5
20
30
150
--55 to +150
V
V
A
A
W
°C
°C
min
typ
max
unit
500
3.5
1.5
V
mA
nA
V
S
pF
pF
pF
nC
ns
ns
ns
ns
V
(Tc=25
°C)
VDSS
VGSS
ID
IDP
PD
Tch
Tstg
V(BR)DSS
IDSS
IGSS
VGS(off)
| yfs |
RDS(on)
Ciss
Coss
Crss
Qg
td(on)
tr
td(off)
tf
VSD
ID=1mA
, VGS=0
VDS=500V , VGS=0
VGS=
±30V , VDS=0
VDS=10V
, ID=1mA
VDS=10V
, ID=3A
ID=3A
, VGS=15V
VDS=20V
, f=1MHz
VDS=20V
, f=1MHz
VDS=20V
, f=1MHz
VDS=200V , ID=5A
GS=10V
See Specified Test
Circuit
IS =5A
, VGS = 0
unit
3.0
0.95
700
250
120
20
20
20
50
25
1.0
±100
5.5
1.25
1.2
Drain to Source Voltage
Gate to Source Voltage
Drain Current (DC)
Drain Current (Pulse)
Allowable power Dissipation
Channel Temperature
Storage Temperature
Drain to Source Breakdown Voltage
Zero Gate Voltage Drain Current
Gate to Source Leakage Current
Cutoff Voltage
Forward Transfer Admittance
Static Drain to Source
on State Resistance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge
Turn-ON Delay Time
Rise Time
Turn-oFF Delay Time
Fall Time
Diode Forward Voltage


Podobny numer części - 2SK2618LS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SK2618LS ISC-2SK2618LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK2618LS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SJ406 SANYO-2SJ406 Datasheet
12Kb / 1P
   P- Channel Silicon MOS FET Very High-Speed Switching Applications
FTD2003 SANYO-FTD2003 Datasheet
15Kb / 1P
   N- Channel Silicon MOS FET Very High Speed-Switchng
logo
Hitachi Semiconductor
2SK3288 HITACHI-2SK3288 Datasheet
39Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
2SK3380 HITACHI-2SK3380 Datasheet
26Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
logo
Sanyo Semicon Device
FW306 SANYO-FW306 Datasheet
17Kb / 2P
   N- Channel Silicon MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3287 RENESAS-2SK3287 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SK3289 HITACHI-2SK3289 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 HITACHI-2SK3348 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3289 RENESAS-2SK3289 Datasheet
44Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3378 RENESAS-2SK3378 Datasheet
140Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com