Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK672-050GEVB Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części STK672-050GEVB
Szczegółowy opis  Thick-Film Hybrid IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-050GEVB Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button STK672-050GEVB Datasheet HTML 2Page - ON Semiconductor STK672-050GEVB Datasheet HTML 3Page - ON Semiconductor STK672-050GEVB Datasheet HTML 4Page - ON Semiconductor STK672-050GEVB Datasheet HTML 5Page - ON Semiconductor STK672-050GEVB Datasheet HTML 6Page - ON Semiconductor STK672-050GEVB Datasheet HTML 7Page - ON Semiconductor STK672-050GEVB Datasheet HTML 8Page - ON Semiconductor STK672-050GEVB Datasheet HTML 9Page - ON Semiconductor STK672-050GEVB Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
STK672-050-E
No.5228-6/19
Power-on Reset
The application must perform a power-on reset operation when VCC2 power is first applied to this hybrid IC.
Application circuit that used 2W1-2 phase excitation (microstepping operation) mode.
Setting the Motor Current
The motor current IOH is set by the Vref voltage on the hybrid IC pin 8. The following formula gives the relationship
between IOH and Vref.
IOH =
× Vref/Rs, Rs: The hybrid IC internal current detection resistor (0.2Ω ±3%)
Applications can use motor currents from the current (0.05 to 0.1A) set by the duty of the frequency set by the oscillator
up to the limit of the allowable operating range, IOH = 3.0A
Function Table
M2
0
0
1
1
M1
M3
0
1
0
1
Phase switching clock edge timing
1
2 phase excitation
1-2 phase excitation
W1-2 phase excitation
2W1-2 phase excitation
Rising edge only
0
1-2 phase excitation
W1-2 phase excitation
2W1-2 phase excitation
4W1-2 phase excitation
Rising and falling edges
Forward
Reverse
ENABLE
Motor current is cut off when low
CWB
0
1
RESET
Active low
A
A
B
B
MO1
1
0
0
1
MO2
0
0
1
1
3
1
0A
Motor current waveform
Ioave
A12408
IOL IOH
8
6
A
A
7
22
12
11
10
9
14
13
15
14
18
16
17
19
+
+
VCC2=5V
VCC2=5V
SG
PG
Vref
VCC2=5V
CLK
1k
Ω
ENABLE
RET
RESET
MOI
VCC1=10V to 45V
Two-phase
stepping motor
STK672-050-E
ITF02395
B
B
5
2
1
3
4
20
MO1
21
MO2


Podobny numer części - STK672-050GEVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK672-050 SANYO-STK672-050 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK672-050-E SANYO-STK672-050-E Datasheet
206Kb / 19P
   Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
More results

Podobny opis - STK672-050GEVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK080 ETC-STK080 Datasheet
145Kb / 1P
   THICK FILM HYBRID IC
logo
Sanyo Semicon Device
STK6722H SANYO-STK6722H Datasheet
114Kb / 3P
   Thick film hybrid IC
logo
List of Unclassifed Man...
STK082G ETC-STK082G Datasheet
131Kb / 1P
   THICK FILM HYBRID IC
logo
Sanyo Semicon Device
STK7358 SANYO-STK7358 Datasheet
57Kb / 3P
   Thick Film Hybrid IC
STK-024 SANYO-STK-024 Datasheet
108Kb / 1P
   Thick film hybrid IC
logo
List of Unclassifed Man...
STK437 ETC-STK437 Datasheet
134Kb / 1P
   THICK FILM HYBRID IC
logo
Sanyo Semicon Device
STK760-221A-E SANYO-STK760-221A-E Datasheet
163Kb / 9P
   Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
STK7406 SANYO-STK7406 Datasheet
131Kb / 2P
   Thick Film Hybrid IC Offline Switching Regulator
STK681-332-E SANYO-STK681-332-E Datasheet
107Kb / 14P
   Thick-Film Hybrid IC Forward/Reverse Motor Driver
STK672-622A-E SANYO-STK672-622A-E Datasheet
224Kb / 23P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com