Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTA1664 Arkusz danych(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części KTA1664
Szczegółowy opis  S O T-89-3L Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KTA1664 Arkusz danych(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KTA1664 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1664 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1664 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1664 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-89-3L Plastic-Encapsulate Transistors
KTA1664
TRANSISTOR (PNP)
FEATURES
Complementary to KTC4376
Small Flat Package
High Current Application
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -1mA,IE=0
-35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-35V,IE=0
-100
nA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-100
nA
VCE=-1V, IC=-100mA
100
320
DC current gain
hFE
VCE=-1V, IC=-700mA
35
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-20mA
-0.7
V
Base-emitter voltage
VBE
VCE=-1V, IC=-10mA
-0.5
-0.8
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
19
pF
Transition frequency
fT
VCE=-5V,IC= -10mA
120
MHz
CLASSIFICATION OF hFE
RANK
O
Y
RANGE
100–200
160–320
MARKING
RO
RY
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-35
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-800
mA
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
C,Apr,2015


Podobny numer części - KTA1664

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTA1664 KEC-KTA1664 Datasheet
343Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Weitron Technology
KTA1664 WEITRON-KTA1664 Datasheet
114Kb / 3P
   NPN Epitaxial Planar Transistors
logo
Shenzhen Jin Yu Semicon...
KTA1664 HTSEMI-KTA1664 Datasheet
369Kb / 1P
   TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
KTA1664 WINNERJOIN-KTA1664 Datasheet
127Kb / 1P
   TRANSISTOR (PNP)
logo
Foshan Blue Rocket Elec...
KTA1664 FOSHAN-KTA1664 Datasheet
871Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
More results

Podobny opis - KTA1664

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
2SD965 JIANGSU-2SD965 Datasheet
1Mb / 4P
   S O T-89-3L Plastic-Encapsulate Transistors
KTD1302 JIANGSU-KTD1302 Datasheet
1Mb / 3P
   S OT-89-3L Plastic-Encapsulate Transistors
KTC4376 JIANGSU-KTC4376 Datasheet
1Mb / 4P
   S OT-89-3L Plastic-Encapsulate Transistors
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC5785 JIANGSU-2SC5785 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
2SD1766 JIANGSU-2SD1766 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SA1013 JIANGSU-2SA1013 Datasheet
11Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX54 JIANGSU-BCX54 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com