Zakładka z wyszukiwarką danych komponentów |
|
GS81302Q37AGD-375I Arkusz danych(PDF) 7 Page - GSI Technology |
|
GS81302Q37AGD-375I Arkusz danych(HTML) 7 Page - GSI Technology |
7 / 24 page Separate I/O SigmaQuad-II B2 SigmaQuad-II SRAM Read Truth Table A R Output Next State Q Q K (tn) K (tn) K (tn) K (tn+2) K (tn+2½) X 1 Deselect Hi-Z Hi-Z V 0 Read Q0 Q1 Notes: 1. X = Don’t Care, 1 = High, 0 = Low, V = Valid. 2. R is evaluated on the rising edge of K. 3. Q0 and Q1 are the first and second data output transfers in a read. Separate I/O SigmaQuad-II B2 SigmaQuad-II SRAM Write Truth Table A W BWn BWn Input Next State D D K (tn + ½) K (tn) K (tn) K (tn + ½) K K (tn), (tn + ½) K (tn) K (tn + ½) V 0 0 0 Write Byte Dx0, Write Byte Dx1 D0 D1 V 0 0 1 Write Byte Dx0, Write Abort Byte Dx1 D0 X V 0 1 0 Write Abort Byte Dx0, Write Byte Dx1 X D1 X 0 1 1 Write Abort Byte Dx0, Write Abort Byte Dx1 X X X 1 X X Deselect X X Notes: 1. X = Don’t Care, H = High, L = Low, V = Valid. 2. W is evaluated on the rising edge of K. 3. D0 and D1 are the first and second data input transfers in a write. 4. BWn represents any of the Byte Write Enable inputs (BW0, BW1, etc.). Preliminary GS81302Q19/37AGD-450/400/375/333 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.00a 5/2017 7/24 © 2017, GSI Technology |
Podobny numer części - GS81302Q37AGD-375I |
|
Podobny opis - GS81302Q37AGD-375I |