Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS82582Q38GE-500 Arkusz danych(PDF) 11 Page - GSI Technology

Numer części GS82582Q38GE-500
Szczegółowy opis  Byte Write controls sampled at data-in time
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582Q38GE-500 Arkusz danych(HTML) 11 Page - GSI Technology

Back Button GS82582Q38GE-500 Datasheet HTML 7Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 8Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 9Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 10Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 11Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 12Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 13Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 14Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Capacitance
oC, f = 1 MHZ, VDD = 1.8 V)
Parameter
Symbol
Test conditions
Typ.
Max.
Unit
Input Capacitance
CIN
VIN = 0 V
4
5
pF
Output Capacitance
COUT
VOUT = 0 V
6
7
pF
Clock Capacitance
CCLK
VIN = 0 V
5
6
pF
Note:
This parameter is sample tested.
AC Test Conditions
Parameter
Conditions
Input high level
1.25
Input low level
0.25 V
Max. input slew rate
2 V/ns
Input reference level
0.75
Output reference level
VDDQ/2
Note:
Test conditions as specified with output loading as shown unless otherwise noted.
GS82582Q20/38GE-500/450/400/375
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2016
11/25
© 2012, GSI Technology
DQ
VT == 0.75 V
50
RQ = 250
(HSTL I/O)
VREF = 0.75 V
AC Test Load Diagram
Input and Output Leakage Characteristics
Parameter
Symbol
Test Conditions
Min.
Max
Input Leakage Current
(except mode pins)
IIL
VIN = 0 to VDD
–2 uA
2 uA
Doff
IILDOFF
VIN = 0 to VDD
–20 uA
2 uA
ODT
IIL ODT
VIN = 0 to VDD
–2 uA
20 uA
Output Leakage Current
IOL
Output Disable,
VOUT = 0 to VDDQ
–2 uA
2 uA
(TA = 25


Podobny numer części - GS82582Q38GE-500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS82582Q38GE-500 GSI-GS82582Q38GE-500 Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q38GE-500 GSI-GS82582Q38GE-500 Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q38GE-500I GSI-GS82582Q38GE-500I Datasheet
436Kb / 25P
   Dual Double Data Rate interface
GS82582Q38GE-500I GSI-GS82582Q38GE-500I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q38GE-500I GSI-GS82582Q38GE-500I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
More results

Podobny opis - GS82582Q38GE-500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS8662QT10BD-250I GSI-GS8662QT10BD-250I Datasheet
501Kb / 28P
   Byte Write controls sampled at data-in time
GS8662Q07BGD-250 GSI-GS8662Q07BGD-250 Datasheet
502Kb / 28P
   Byte Write controls sampled at data-in time
GS8342Q07BGD-300 GSI-GS8342Q07BGD-300 Datasheet
502Kb / 28P
   Byte Write controls sampled at data-in time
GS81302DT07E-300 GSI-GS81302DT07E-300 Datasheet
513Kb / 30P
   Byte Write controls sampled at data-in time
logo
National Semiconductor ...
AD-03 NSC-AD-03 Datasheet
43Kb / 4P
   Effects of Aperture Time and Jitter in a Sampled Data System
logo
Micross Components
AS5SP128K36 MICROSS-AS5SP128K36 Datasheet
701Kb / 14P
   Byte Write support
logo
ATMEL Corporation
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
   Self-Timed Byte Write Cycle
logo
Alliance Semiconductor ...
512M-DDR1-AS4C64M8D1 ALSC-512M-DDR1-AS4C64M8D1 Datasheet
1Mb / 65P
   Individual byte write mask control
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16_14 Datasheet
179Kb / 12P
   Self-Timed Byte Write Cycle
ATA6662 ATMEL-ATA6662_10 Datasheet
537Kb / 18P
   Dominant Time-out Function at Transmit Data (TXD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com