Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS8662D06BD-350 Arkusz danych(PDF) 1 Page - GSI Technology

Numer części GS8662D06BD-350
Szczegółowy opis  Dual Double Data Rate interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8662D06BD-350 Arkusz danych(HTML) 1 Page - GSI Technology

  GS8662D06BD-350 Datasheet HTML 1Page - GSI Technology GS8662D06BD-350 Datasheet HTML 2Page - GSI Technology GS8662D06BD-350 Datasheet HTML 3Page - GSI Technology GS8662D06BD-350 Datasheet HTML 4Page - GSI Technology GS8662D06BD-350 Datasheet HTML 5Page - GSI Technology GS8662D06BD-350 Datasheet HTML 6Page - GSI Technology GS8662D06BD-350 Datasheet HTML 7Page - GSI Technology GS8662D06BD-350 Datasheet HTML 8Page - GSI Technology GS8662D06BD-350 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
GS8662D20/38BD-550/500/450/400/350
GS8662D06/11BD-500/450/400/350
72Mb SigmaQuad-II+TM
Burst of 4 SRAM
550 MHz–350 MHz
1.8 V VDD
1.8 V or 1.5 V I/O
165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.02c 8/2017
1/33
© 2011, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• 2.5 Clock Latency
• Simultaneous Read and Write SigmaQuad™ Interface
• JEDEC-standard pinout and package
• Dual Double Data Rate interface
• Byte Write controls sampled at data-in time
• Burst of 4 Read and Write
• On-Die Termination (ODT) on Data (D), Byte Write (BW),
and Clock (K, K) intputs
• 1.8 V +100/–100 mV core power supply
• 1.5 V or 1.8 V HSTL Interface
• Pipelined read operation
• Fully coherent read and write pipelines
• ZQ pin for programmable output drive strength
• Data Valid Pin (QVLD) Support
• IEEE 1149.1 JTAG-compliant Boundary Scan
• 165-bump, 13 mm x 15 mm, 1 mm bump pitch BGA package
• RoHS-compliant 165-bump BGA package available
SigmaQuad-II™ Family Overview
The GS8662D06/11/20/38BD are built in compliance with
the SigmaQuad-II+ SRAM pinout standard for Separate I/O
synchronous SRAMs. They are 75,497,472-bit (72Mb)
SRAMs. The GS8662D06/11/20/38BD SigmaQuad SRAMs
are just one element in a family of low power, low voltage
HSTL I/O SRAMs designed to operate at the speeds needed to
implement economical high performance networking systems.
Clocking and Addressing Schemes
The GS8662D06/11/20/38BD SigmaQuad-II+ SRAMs are
synchronous devices. They employ two input register clock
inputs, K and K. K and K are independent single-ended clock
inputs, not differential inputs to a single differential clock input
buffer.
Each internal read and write operation in a SigmaQuad-II+ B4
RAM is four times wider than the device I/O bus. An input
data bus de-multiplexer is used to accumulate incoming data
before it is simultaneously written to the memory array. An
output data multiplexer is used to capture the data produced
from a single memory array read and then route it to the
appropriate output drivers as needed. Therefore the address
field of a SigmaQuad-II+ B4 RAM is always two address pins
less than the advertised index depth (e.g., the 8M x 8 has a 2M
addressable index).
Parameter Synopsis (x18/x36)
-550
-500
-450
-400
-350
tKHKH
1.81 ns
2.0 ns
2.2 ns
2.5 ns
2.86 ns
tKHQV
0.29ns
0.33 ns
0.37 ns
0.45 ns
0.45 ns
Parameter Synopsis (x8/x9)
-500
-450
-400
-350
tKHKH
2.0 ns
2.2 ns
2.5 ns
2.86 ns
tKHQV
0.33 ns
0.37ns
0.45 ns
0.45 ns


Podobny numer części - GS8662D06BD-350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS8662D06BD-400 GSI-GS8662D06BD-400 Datasheet
556Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D06BD-400I GSI-GS8662D06BD-400I Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D06BD-450 GSI-GS8662D06BD-450 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
More results

Podobny opis - GS8662D06BD-350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS81302Q07GE-318I GSI-GS81302Q07GE-318I Datasheet
487Kb / 28P
   Dual Double Data Rate interface
GS8662DT20BD-500 GSI-GS8662DT20BD-500 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D38BGD-350 GSI-GS8662D38BGD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D38AGD-500I GSI-GS81302D38AGD-500I Datasheet
446Kb / 26P
   Dual Double Data Rate interface
GS8342DT06BD-550I GSI-GS8342DT06BD-550I Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8342DT20BGD-550 GSI-GS8342DT20BGD-550 Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8672D19BGE-333 GSI-GS8672D19BGE-333 Datasheet
483Kb / 28P
   Dual Double Data Rate interface
GS81302DT06E-350I GSI-GS81302DT06E-350I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
GS81302DT19E-450 GSI-GS81302DT19E-450 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
GS81302D06GE-450I GSI-GS81302D06GE-450I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com