Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2852YMXAX-2.5 Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM2852YMXAX-2.5
Szczegółowy opis  2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852YMXAX-2.5 Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  LM2852YMXAX-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LM2852YMXAX-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LM2852YMXAX-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LM2852YMXAX-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LM2852YMXAX-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LM2852YMXAX-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LM2852YMXAX-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LM2852YMXAX-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LM2852YMXAX-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Ordering Information
Order Number
Frequency
Voltage Option
Package Type
Package Drawing
Supplied As
LM2852YMXA-1.0
500kHz
1.0
TSSOP-14 exposed pad
MXA14A
94 Units, Rail
LM2852YMXAX-1.0
2500 Units, Tape and
Reel
LM2852YMXA-1.2
1.2
94 Units, Rail
LM2852YMXAX-1.2
2500 Units, Tape and
Reel
LM2852YMXA-1.5
1.5
94 Units, Rail
LM2852YMXAX-1.5
2500 Units, Tape and
Reel
LM2852YMXA-1.8
1.8
94 Units, Rail
LM2852YMXAX-1.8
2500 Units, Tape and
Reel
LM2852YMXA-2.5
2.5
94 Units, Rail
LM2852YMXAX-2.5
2500 Units, Tape and
Reel
LM2852YMXA-3.3
3.3
94 Units, Rail
LM2852YMXAX-3.3
2500 Units, Tape and
Reel
LM2852XMXA-1.0
1500kHz
1.0
Coming Soon
LM2852XMXAX-1.0
LM2852XMXA-1.2
1.2
LM2852XMXAX-1.2
LM2852XMXA-1.5
1.5
LM2852XMXAX-1.5
LM2852XMXA-1.8
1.8
LM2852XMXAX-1.8
LM2852XMXA-2.5
2.5
LM2852XMXAX-2.5
LM2852XMXA-3.3
3.3
LM2852XMXAX-3.3
Note: Contact factory for other voltage options.
www.national.com
3


Podobny numer części - LM2852YMXAX-2.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2852YMXAX-2.5 NSC-LM2852YMXAX-2.5 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852YMXAX-2.5 TI-LM2852YMXAX-2.5 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXAX-2.5 TI1-LM2852YMXAX-2.5 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2852YMXAX-2.5/NOPB TI1-LM2852YMXAX-2.5/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
More results

Podobny opis - LM2852YMXAX-2.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1240 AOSMD-AOZ1240 Datasheet
794Kb / 15P
   EZBuck™ 2A Simple Buck Regulator
Rev. 1.3 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com