Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N5235B Arkusz danych(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Numer części 1N5235B
Szczegółowy opis  500 mW , DO-35 Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1N5235B Arkusz danych(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  1N5235B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1N5235B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
1N52XXB Series
500 mW , DO-35
Zener Diodes
25-Mar-2011 Rev. D
Page 1 of 2
A
C
B
A
D
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Zener voltage range = 2.4V to 200V
ESD rating of class 3 (>6 KV) per human body model
Double slug type construction
Metallurgical bonded construction
Solder hot dip tin (Sn) lead finish
PACKAGING INFORMATION
Case: DO-35
Case Material: Double slug type, hermetically sealed glass
Finish: All external surfaces are corrosion resistant
and leads are readily solderable
Polarity: Cathode indicated by polarity band
Mounting: Any
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)1
Parameter
Symbol
Value
Unit
Maximum Steady State Power Dissipation @ TL ≦ 75°C, Lead Length = 3/8”
PD
500
mW
Maximum Steady State Power Dissipation, Derate above 75°C
PD
4.0
mW/°C
Operating and Storage Temperature Range
TJ, TSTG
-65~200
°C
Note:
1. Some part number series have lower JEDEC registered ratings.
ELECTRICAL RATINGS (TA = 25°C unless otherwise specified)
Zener Voltage Range
2
Zener Impedance
3
Leakage Current
1
VZ
@IZT ZZT @ IZT
ZZK @ IZK
=0.25mA
IR @ VR
θ vz
4
Type Number
1
Min(V)
Nom(V) Max(V)
mA
μA
V
%/°c
1N5221B
2.28
2.4
2.52
20
30
1200
100
1
-0.085
1N5222B
2.375
2.5
2.625
20
30
1250
100
1
-0.085
1N5223B
2.565
2.7
2.835
20
30
1300
75
1
-0.080
1N5224B
2.66
2.8
2.94
20
30
1400
75
1
-0.080
1N5225B
2.85
3.0
3.15
20
29
1600
50
1
-0.075
1N5226B
3.135
3.3
3.465
20
28
1600
25
1
-0.070
1N5227B
3.420
3.6
3.780
20
24
1700
15
1
-0.065
1N5228B
3.705
3.9
4.095
20
23
1900
10
1
-0.060
1N5229B
4.085
4.3
4.515
20
22
2000
5
1
±0.055
1N5230B
4.465
4.7
4.935
20
19
1900
5
2
±0.030
1N5231B
4.845
5.1
5.355
20
17
1600
5
2
±0.030
1N5232B
5.32
5.6
5.88
20
11
1600
5
3
+0.038
1N5233B
5.7
6.0
6.3
20
7
1600
5
3.5
+0.038
1N5234B
5.89
6.2
6.51
20
7
1000
5
4
+0.045
1N5235B
6.46
6.8
7.14
20
5
750
3
5
+0.050
1N5236B
7.125
7.5
7.875
20
6
500
3
6
+0.058
1N5237B
7.79
8.2
8.61
20
8
500
3
6.5
+0.062
1N5238B
8.265
8.7
9.135
20
8
600
3
6.5
+0.065
1N5239B
8.645
9.1
9.555
20
10
600
3
7
+0.068
1N5240B
9.5
10
10.5
20
17
600
3
8
+0.075
1N5241B
10.45
11
11.55
20
22
600
2
8.4
+0.076
1N5242B
11.4
12
12.6
20
30
600
1
9.1
+0.077
1N5243B
12.35
13
13.65
9.5
13
600
0.5
9.9
+0.079
DO-35
Millimeter
REF.
Min.
Max.
A
25.0
26.0
B
-
4.50
C
-
2.00
D
0.46
0.56
C.
A.


Podobny numer części - 1N5235B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tiger Electronic Co.,Lt...
1N5235B TGS-1N5235B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5235B VISHAY-1N5235B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5235B MCC-1N5235B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Tak Cheong Electronics ...
1N5235B TAK_CHEONG-1N5235B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
1N5235B YEASHIN-1N5235B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Podobny opis - 1N5235B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
NEC
RD200E NEC-RD200E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com