Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSAL4400 Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części TSAL4400
Szczegółowy opis  High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL4400 Arkusz danych(HTML) 5 Page - Vishay Siliconix

  TSAL4400_16 Datasheet HTML 1Page - Vishay Siliconix TSAL4400_16 Datasheet HTML 2Page - Vishay Siliconix TSAL4400_16 Datasheet HTML 3Page - Vishay Siliconix TSAL4400_16 Datasheet HTML 4Page - Vishay Siliconix TSAL4400_16 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 08-Feb-17
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of
typical requirements that are often placed on Vishay products in generic applications. Such statements are not binding
statements about the suitability of products for a particular application. It is the customer’s responsibility to validate that a
particular product with the properties described in the product specification is suitable for use in a particular application.
Parameters provided in datasheets and / or specifications may vary in different applications and performance may vary over
time. All operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk.
Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for
such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document
or by any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
© 2017 VISHAY INTERTECHNOLOGY, INC. ALL RIGHTS RESERVED


Podobny numer części - TSAL4400_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TSAL4400-RSZ VISHAY-TSAL4400-RSZ Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSAL4400 VISHAY-TSAL4400_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.6, 16-Sep-08
TSAL4400 VISHAY-TSAL4400_V01 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL4400 VISHAY-TSAL4400_V02 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Podobny opis - TSAL4400_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VSML3710 VISHAY-VSML3710_14 Datasheet
139Kb / 7P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 1.6, 22-Oct-14
TSAL6200 VISHAY-TSAL6200_14 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.4, 13-Mar-14
TSAL6100 VISHAY-TSAL6100_V01 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
VSML3710 VISHAY-VSML3710_V01 Datasheet
138Kb / 7P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL6200 VISHAY-TSAL6200_V02 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSML1000 VISHAY-TSML1000_14 Datasheet
198Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.1, 13-Mar-14
TSML1040 VISHAY-TSML1040_V02 Datasheet
164Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
VSML3710 VISHAY-VSML3710_V02 Datasheet
137Kb / 7P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSAL6100UL VISHAY-TSAL6100UL Datasheet
116Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 1.0, 16-Jun-16
TSML1000 VISHAY-TSML1000_V01 Datasheet
196Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com