Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSAL7200 Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części TSAL7200
Szczegółowy opis  High Power Infrared Emitting Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL7200 Arkusz danych(HTML) 4 Page - Vishay Siliconix

  TSAL7200 Datasheet HTML 1Page - Vishay Siliconix TSAL7200 Datasheet HTML 2Page - Vishay Siliconix TSAL7200 Datasheet HTML 3Page - Vishay Siliconix TSAL7200 Datasheet HTML 4Page - Vishay Siliconix TSAL7200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSAL7200
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 04-Jul-16
4
Document Number: 81012
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Relative Radiant Intensity vs. Angular Displacement
PACKAGE DIMENSIONS in millimeters
0.4
0.2
0
14329
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.5 + 0.15
- 0.05
Ø 5 ± 0.15
Area not plane
technical drawings
according to DIN
specifications
2.54 nom.
0.5 + 0.15
- 0.05
A
C
0.6
+ 0.2
- 0.1
R 2.49 (sphere)


Podobny numer części - TSAL7200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TSAL7200 VISHAY-TSAL7200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL7200 VISHAY-TSAL7200 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7200 VISHAY-TSAL7200 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 1.8, 29-Jun-09
TSAL7200 VISHAY-TSAL7200 Datasheet
114Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL7200 VISHAY-TSAL7200 Datasheet
115Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Podobny opis - TSAL7200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VSMY99445DS VISHAY-VSMY99445DS Datasheet
310Kb / 7P
   High Power Infrared Emitting Diode
Rev. 1.0, 12-Feb-16
TSAL6400 VISHAY-TSAL6400_14 Datasheet
107Kb / 5P
   High Power Infrared Emitting Diode
Rev. 2.0, 13-Mar-14
TSAL6100 VISHAY-TSAL6100_14 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode
Rev. 1.8, 13-Mar-14
logo
Sharp Corporation
GL496 SHARP-GL496 Datasheet
35Kb / 4P
   High Speed Infrared Emitting Diode
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
   infrared emitting diode
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
   Infrared-Emitting Diode
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
   INFRARED EMITTING DIODE
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
   INFRARED EMITTING DIODE
logo
Vishay Siliconix
VSMG3700 VISHAY-VSMG3700_13 Datasheet
132Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.5, 24-Sep-13
TSHG8400 VISHAY-TSHG8400_13 Datasheet
106Kb / 5P
   High Speed Infrared Emitting Diode
Rev. 1.4, 03-Sep-13
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com