Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPSA06 Arkusz danych(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części MPSA06
Szczegółowy opis  T O-92 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MPSA06 Arkusz danych(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MPSA06 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSA06 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSA06 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSA06 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSA06 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
MPSA06
TRANSISTOR (NPN)
FEATURES
3RZHUDPSOLILHU
TO-92
1. EMILTTER
2. BASE
3. COLLECTOR
www.cj-elec.com
1
),$XJ,20
0$;,0805$7,1*6 7D 
XQOHVVRWKHUZLVH QRWHG
6\PERO
3DUDPHWHU
9DOXH
8QLW
9&%2
Collector-Base Voltage
80
V
9&(2
Collector-Emitter Voltage
80
V
9(%2
Emitter-Base Voltage
4V
,&
Collector Current -Continuous
0.5
A
3'
Collector Power Dissipation
625
mW
7M
Junction Temperature
1
7VWJ
Storage Temperature
-55 a
5 -$
Thermal Resistance Irom Junction Wo Ambient
/W
25'(5,1*,1)250$7,21
3DUW1XPEHU
3DFNDJH
3DFNLQJ0HWKRG
3DFN4XDQWLW\
72
%XON
72
036$
036$7$
200
Equivalent Circuit
0$5.,1*
6ROLGGRW *UHHQPROGLQJFRPSRXQGGHYLFH
;;; &RGH
036$ 'HYLFHFRGH
LIQRQHWKHQRUPDOGHYLFH
MPS$
[[[
1000pcs/Bag
Tape
2000pcs/Box


Podobny numer części - MPSA06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MPSA06 MOTOROLA-MPSA06 Datasheet
239Kb / 6P
   Amplifier Transistors
logo
Diotec Semiconductor
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
   General Purpose NPN Transistors
logo
Weitron Technology
MPSA06 WEITRON-MPSA06 Datasheet
107Kb / 4P
   Driver NPN Transistors
logo
Tiger Electronic Co.,Lt...
MPSA06 TGS-MPSA06 Datasheet
844Kb / 3P
   TO-92 Transistor (NPN)
logo
ON Semiconductor
MPSA06 ONSEMI-MPSA06 Datasheet
111Kb / 8P
   Amplifier Transistors
October, 2001 ??Rev. 1
More results

Podobny opis - MPSA06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
2SC2229 JIANGSU-2SC2229 Datasheet
4Mb / 5P
   T O-92MOD Plastic-Encapsulate Transistors
KSA910 JIANGSU-KSA910 Datasheet
1Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
2SD789 JIANGSU-2SD789 Datasheet
2Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
2SD1247 JIANGSU-2SD1247 Datasheet
1Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
2SA1283 JIANGSU-2SA1283 Datasheet
2Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
2SC3243 JIANGSU-2SC3243 Datasheet
2Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
KSC2330 JIANGSU-KSC2330 Datasheet
1Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com