Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZT3904 Arkusz danych(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części PZT3904
Szczegółowy opis  S OT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PZT3904 Arkusz danych(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PZT3904 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT3904 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT3904 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT3904 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.1
1
10
100
0
100
200
300
10
100
10
100
0.1
1
10
9
110
200
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
1
10
100
0.0
0.4
0.8
1.2
0.0
0.5
1.0
1.5
2.0
2.5
0
3
6
9
12
15
18
200
f
T
——
I
C
h
FE
——
COMMON EMITTER
V
CE=1V
3
30
0.3
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
30
300
30
COLLECTOR CURRENT I
C
(mA)
β
=10
T
a=25
T
a=100
I
C
V
CEsat
——
600
200
1
3
3
0.3
20
C
ob
C
ib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/ V
EB
C
ob
/ C
ib
——
240
140
300
100
330
60
V
CE=20V
T
a=25
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE T
a
( )
P
C
——
T
a
200
V
BE
I
C
——
30
3
0.3
T
a=25
T
a=100
COMMON EMITTER
V
CE=1V
BASE-EMMITER VOLTAGE V
BE (V)
30
3
β
=10
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
200
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
80uA
72uA
64uA
56uA
48uA
40uA
32uA
24uA
16uA
I
B=8uA
COMMON
EMITTER
T
a=25
Typical Characteristics
www.cj-elec.com
2
D,Jan,2017


Podobny numer części - PZT3904

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PZT3904 PHILIPS-PZT3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PZT3904 KEXIN-PZT3904 Datasheet
700Kb / 2P
   NPN Transistors
logo
STMicroelectronics
PZT3904 STMICROELECTRONICS-PZT3904 Datasheet
46Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
logo
SHIKUES Electronics
PZT3904 SKTECHNOLGY-PZT3904 Datasheet
432Kb / 2P
   Silicon NPN bipolar Transistor
logo
Siemens Semiconductor G...
PZT3904 SIEMENS-PZT3904 Datasheet
124Kb / 5P
   NPN Silicon Switching Transistor
More results

Podobny opis - PZT3904

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
PZT3906 JIANGSU-PZT3906 Datasheet
1Mb / 4P
   S OT-223 Plastic-Encapsulate Transistors
PZTA06 JIANGSU-PZTA06 Datasheet
1Mb / 4P
   S OT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
S8050 DGNJDZ-S8050 Datasheet
793Kb / 2P
   S OT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
KTC4376 JIANGSU-KTC4376 Datasheet
1Mb / 4P
   S OT-89-3L Plastic-Encapsulate Transistors
KTD1302 JIANGSU-KTD1302 Datasheet
1Mb / 3P
   S OT-89-3L Plastic-Encapsulate Transistors
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com