Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZTA44 Arkusz danych(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części PZTA44
Szczegółowy opis  SOT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PZTA44 Arkusz danych(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PZTA44 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA44 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA44 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA44 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-223 Plastic-Encapsulate Transistors
PZTA44 TRA NSISTOR (NPN)
FEATURES
Low current : 300mA(max)
High voltage: VCEO=400V
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
400 V
VCEO
Collector-Emitter Voltage
400 V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
200
mA
PC
Collector Power Dissipation
1
W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-65~150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=100μA,IE=0
400
V
Collector-emitter breakdown voltage
V(BR)CEO IC=1mA,IB=0
V
Emitter-base breakdown voltage
V(BR)EBO IE=100μA,IC=0
V
Collector cut-off current
ICBO
VCB=400V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.1
μA
hFE(1)
VCE=10V,IC=1mA
40
hFE(2)
VCE=10V,IC=10mA
50
200
hFE(3)
VCE=10V,IC=50mA
45
DC current gain
hFE(4)
VCE=10V,IC=100mA
40
VCE(sat)
IC=1mA,IB=0.1mA
0.4
V
VCE(sat)
IC=10mA,IB=1mA
0.5
V
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5mA
0.75
V
Base-emitter saturation voltage
VBE(sat)
IC=10mA,IB=1mA
0.75
V
Transition frequency
fT
VCE=10V,IC=10mA,f=100MHz
20
MHz
Collector ca pacitance
CC
VCB=20V,IE=0,f=1MHz
7
pF
Emitter capacitance
Ce
VEB=0.5V,IC=0,f=1MHz
130
pF
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER
ICM
Collector Current -Pulsed
300
mA
MARKING:
www.cj-elec.com
1
G,Jan,2017
400
6


Podobny numer części - PZTA44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PZTA44 PHILIPS-PZTA44 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Micro Commercial Compon...
PZTA44 MCC-PZTA44 Datasheet
791Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Weitron Technology
PZTA44 WEITRON-PZTA44 Datasheet
274Kb / 3P
   NPN Silicon Planar Epitaxial Transistor
logo
Diotec Semiconductor
PZTA44 DIOTEC-PZTA44 Datasheet
164Kb / 2P
   SMD High Voltage NPN Transistors
logo
Unisonic Technologies
PZTA44 UTC-PZTA44 Datasheet
81Kb / 4P
   HIGH VOLTAGE TRANSISTOR
More results

Podobny opis - PZTA44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
CZT32C DGNJDZ-CZT32C Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA06 DGNJDZ-PZTA06 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com