Zakładka z wyszukiwarką danych komponentów |
|
TIP31 Arkusz danych(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd |
|
TIP31 Arkusz danych(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd |
1 / 3 page TO-220-3L 1. BASE 2. COLLECTOR 3. EMITTER JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD TO-220-3L Plastic-Encapsulate Transistors TIP31/31A/31B/31C TRANSISTOR (NPN) FEATURES Medium Power Linear Switching Applications MAXIMUM RATINGS (Ta=25 ℃ unless otherwise noted) ELECTRICAL CHARACTERISTICS (Ta=25 ℃ unless other wise specified) Parameter Symbol Test conditions Min Max Unit Collector-base breakdown voltage TIP31 TIP31A TIP31B TIP31C V(BR)CBO IC= 1mA, IE=0 40 60 80 100 V Collector-emitter breakdown voltage * TIP31 TIP31A TIP31B TIP31C VCEO(sus) IC= 30mA, IB=0 40 60 80 100 V Emitter-base breakdown voltage V(BR)EBO IE= 1mA, IC=0 5 V Collector cut-off current TIP31 TIP31A TIP31B TIP31C ICBO VCB=40V, IE=0 VCB=60V, IE=0 VCB=80V, IE=0 VCB=100V, IE=0 200 μA Collector cut-off current TIP31/31A TIP31B/31C ICEO VCE= 30V, IB= 0 VCE= 60V, IB= 0 0.3 mA Emitter cut-off current IEBO VEB=5V, IC=0 1 mA hFE(1) VCE= 4V, IC= 1A 25 DC current gain hFE(2) VCE=4 V, IC= 3A 1 5 75 Collector-emitter saturation voltage VCE(sat) IC=3A, IB=0.375A 1.2 V Base-emitter voltage VBE(on) VCE= 4V, IC=3A 1.8 V Transition frequency fT VCE=10V , IC=0.5A 3 MH z * Pulse Test: PW≤300µs, Duty Cycle≤2% . Symbol Parameter TIP3 1 TIP3 1A TIP31B TIP3 1C Unit VCBO Collector-Base Voltage 40 60 80 100 V VCEO Collector-Emitter Voltage 40 60 80 100 V VEBO Emitter-Base Voltage 5 V IC Collector Current 3 A PC Collector Power Dissipation 2 W RθJA Thermal Resistance from Junction to Ambient 62.5 Tj Junction Temperature 150 ℃ Tstg Storage Temperature -55~+150 ℃ www.cj-elec.com 1 E,Nov,2014 |
Podobny numer części - TIP31 |
|
Podobny opis - TIP31 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |