Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP31 Arkusz danych(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części TIP31
Szczegółowy opis  TO-220-3L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TIP31 Arkusz danych(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TIP31 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP31 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP31 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
1
10
10
100
1000
10
100
0
5
10
15
20
25
30
1E-3
0.01
0.1
1
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
150
0
1
2
3
1E-4
1E-3
0.01
0.1
1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1E-4
1E-3
0.01
0.1
1
0
100
200
300
400
01234
5678
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1E-4
1E-3
0.01
0.1
1
20
f=1MHz
I
E=0 / IC=0
T
a=25
oC
TIP31/31A/31B/31C
Typical Characteristics
REVERSE VOLTAGE
V
(V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
2000
500
COLLECTOR CURRENT
I
C
(mA)
V
CE=10V
T
a=25
oC
I
C
f
T
——
3
V
CE= 4V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT
I
C
(A)
I
C
h
FE
——
AMBIENT TEMPERATURE
T
a
(
)
P
c
——
T
a
3
COLLECTOR CURRENT
I
C
(A)
T
a=25
T
a=100
β=8
I
C
V
BEsat
——
3
3
T
a=25
T
a=100
β=8
V
CEsat
——
I
C
COLLECTOR CURRENT
I
C
(A)
COMMON
EMITTER
T
a=25
20mA
18mA
16mA
14mA
12mA
10mA
8mA
6mA
4mA
I
B=2mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
VCE=4V
Ta=25℃
Ta=100
oC
BASE-EMITTER VOLTAGE
V
BE(V)
V
BE
——
I
C
www.cj-elec.com
2
E,Nov,2014
Typical Characteristics


Podobny numer części - TIP31

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP31 MOSPEC-TIP31 Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
Micro Commercial Compon...
TIP31 MCC-TIP31 Datasheet
262Kb / 2P
   Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
TIP31 FOSHAN-TIP31 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
logo
Power Innovations Ltd
TIP31 POINN-TIP31 Datasheet
86Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIP31 ISC-TIP31 Datasheet
162Kb / 4P
   Silicon NPN Power Transistors
More results

Podobny opis - TIP31

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2073 DGNJDZ-2SC2073 Datasheet
1,013Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD1762 DGNJDZ-2SD1762 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com