Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP31C Arkusz danych(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części TIP31C
Szczegółowy opis  TO-220-3L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TIP31C Arkusz danych(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TIP31C Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP31C Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP31C Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-220-3L
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220-3L Plastic-Encapsulate Transistors
TIP31/31A/31B/31C TRANSISTOR (NPN)
FEATURES
Medium Power Linear Switching Applications
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless other wise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
TIP31
TIP31A
TIP31B
TIP31C
V(BR)CBO
IC= 1mA, IE=0
40
60
80
100
V
Collector-emitter breakdown voltage *
TIP31
TIP31A
TIP31B
TIP31C
VCEO(sus)
IC= 30mA, IB=0
40
60
80
100
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 1mA, IC=0
5
V
Collector cut-off current
TIP31
TIP31A
TIP31B
TIP31C
ICBO
VCB=40V, IE=0
VCB=60V, IE=0
VCB=80V, IE=0
VCB=100V, IE=0
200
μA
Collector cut-off current
TIP31/31A
TIP31B/31C
ICEO
VCE= 30V, IB= 0
VCE= 60V, IB= 0
0.3
mA
Emitter cut-off current
IEBO
VEB=5V, IC=0
1
mA
hFE(1)
VCE= 4V, IC= 1A
25
DC current gain
hFE(2)
VCE=4 V, IC= 3A
1
5
75
Collector-emitter saturation voltage
VCE(sat)
IC=3A, IB=0.375A
1.2
V
Base-emitter voltage
VBE(on)
VCE= 4V, IC=3A
1.8
V
Transition frequency
fT
VCE=10V , IC=0.5A
3
MH
z
* Pulse Test: PW≤300µs, Duty Cycle≤2%
.
Symbol
Parameter
TIP3
1
TIP3
1A
TIP31B
TIP3
1C Unit
VCBO
Collector-Base Voltage
40
60
80
100
V
VCEO
Collector-Emitter Voltage
40
60
80
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
3
A
PC
Collector Power Dissipation
2
W
RθJA
Thermal Resistance from Junction to Ambient
62.5
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
E,Nov,2014


Podobny numer części - TIP31C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
JILIN SINO-MICROELECTRO...
TIP31C JSMC-TIP31C Datasheet
279Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
STMicroelectronics
TIP31C STMICROELECTRONICS-TIP31C Datasheet
136Kb / 10P
   Power transistors
logo
SeCoS Halbleitertechnol...
TIP31C SECOS-TIP31C Datasheet
94Kb / 2P
   NPN Plastic-Encapsulate Transistor
logo
Inchange Semiconductor ...
TIP31C ISC-TIP31C Datasheet
292Kb / 2P
   isc Silicon NPN Power Transistors
More results

Podobny opis - TIP31C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2073 DGNJDZ-2SC2073 Datasheet
1,013Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD1762 DGNJDZ-2SD1762 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com