Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP32A Arkusz danych(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części TIP32A
Szczegółowy opis  TO-220-3L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TIP32A Arkusz danych(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TIP32A Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP32A Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP32A Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-0.1
-1
-10
10
100
1000
10000
-1
-10
-100
-1000
0
20
40
60
80
100
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-10
-100
-1000
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
-1
-10
-100
-1000
-0.01
-0.1
-0
-2
-4
-6
-8
-0
-1
-2
-3
-4
-1
-10
-100
-1000
-0.0
-0.4
-0.8
-1.2
f=1MHz
I
E=0/IC=0
T
a=25
-20
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
-0.5
COMMON EMITTER
V
CE=-4V
-3000
I
C
T
a=25
T
a=100
COLLECTOR CURRENT
I
C
(mA)
TIP32/32A/32B/32C
Typical Characterisitics
V
BE
I
C
——
COMMON EMITTER
V
CE=-4V
-3000
T
a=100
T
a=25
BASE-EMMITER VOLTAGE V
BE (V)
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
h
FE
——
-3000
β=8
T
a=100
T
a=25
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)
Static Characteristic
-100mA
-90mA
-80mA
-70mA
-60mA
-50mA
-40mA
-30mA
-20mA
I
B=-10mA
COMMON EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
-3000
β=8
I
C
V
BEsat
——
T
a=100
T
a=25
COLLECTOR CURRENT
I
C
(mA)
www.cj-elec.com
2
D,Nov,2014
Typical Characteristics


Podobny numer części - TIP32A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP32A MOSPEC-TIP32A Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
Savantic, Inc.
TIP32A SAVANTIC-TIP32A Datasheet
129Kb / 4P
   Silicon PNP Power Transistors
logo
Central Semiconductor C...
TIP32A CENTRAL-TIP32A Datasheet
353Kb / 2P
   SILICON PNP POWER TRANSISTORS
logo
Motorola, Inc
TIP32A MOTOROLA-TIP32A Datasheet
196Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
SemiHow Co.,Ltd.
TIP32A SEMIHOW-TIP32A Datasheet
479Kb / 5P
   Medium Power Linear Switching Applications
More results

Podobny opis - TIP32A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2073 DGNJDZ-2SC2073 Datasheet
1,013Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD1762 DGNJDZ-2SD1762 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com