Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTD2058 Arkusz danych(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Numer części KTD2058
Szczegółowy opis  3A, 60V P Plastic-Encapsulated Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KTD2058 Arkusz danych(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KTD2058 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KTD2058 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
KTD2058
3A, 60V
P
Plastic-Encapsulated Transistor
01-Sep-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low collector saturation voltage: VCE(sat)=1V (Max.)
CLASSIFICATION OF hFE
Product-Rank
Y
Range
100-200
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
7
V
Collector Current
IC
3
A
Collector Power Dissipation
PC
2
W
Thermal Resistance from Junction to Ambient
RθJA
150
°C
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=0.1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
60
-
-
V
IC=50mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
7
-
-
V
IE=0.1mA, IC=0
Collector Cut-Off Current
ICBO
-
-
100
µA
VCB=60V, IE=0
Emitter Cut-Off Current
IEBO
-
-
100
µA
VEB=7V, IC=0
DC Current Gain
hFE
100
-
200
VCE=5V, IC=0.5A
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
1
V
IC=2A, IB=0.2A
Base to Emitter Voltage
VBE(on)
-
-
1
V
VCE=5V, IC=0.5A
Transition Frequency
fT
-
3
-
MHz
VCE=5V, IC=0.5A
Collector Output Capacitance
Cob
-
35
-
pF
VCB=10V, IE=0, f =1MHz
Turn-on Time
ton
0.65
Storage Time
tstg
1.3
Fall Time
tf
0.65
µS
TO-220J
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
9.57
10.57
I
4.68
5.48
B
3.54
4.14
J
2.95
3.96
C
2.54
2.94
K
4.27
4.87
D
11.86
13.26
L
1.07
1.47
E
0.97
1.57
M
8.0
10.0
F
0.51
1.11
N
2.03
2.92
G
12.7
13.8
Q
0.30
0.65
H
2.540 TYP.


Podobny numer części - KTD2058

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTD2058 KEC-KTD2058 Datasheet
328Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Inchange Semiconductor ...
KTD2058 ISC-KTD2058 Datasheet
150Kb / 2P
   isc Silicon NPN Power Transistor
logo
Foshan Blue Rocket Elec...
KTD2058 FOSHAN-KTD2058 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
logo
Jiangsu Changjiang Elec...
KTD2058 JIANGSU-KTD2058 Datasheet
894Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
SHENZHEN KOO CHIN ELECT...
KTD2058 KOOCHIN-KTD2058 Datasheet
227Kb / 2P
   TRANSISTOR (NPN)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com