Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RGPR30BM40 Arkusz danych(PDF) 1 Page - Rohm

Numer części RGPR30BM40
Szczegółowy opis  400V 30A Ignition IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

RGPR30BM40 Arkusz danych(HTML) 1 Page - Rohm

  RGPR30BM40 Datasheet HTML 1Page - Rohm RGPR30BM40 Datasheet HTML 2Page - Rohm RGPR30BM40 Datasheet HTML 3Page - Rohm RGPR30BM40 Datasheet HTML 4Page - Rohm RGPR30BM40 Datasheet HTML 5Page - Rohm RGPR30BM40 Datasheet HTML 6Page - Rohm RGPR30BM40 Datasheet HTML 7Page - Rohm RGPR30BM40 Datasheet HTML 8Page - Rohm RGPR30BM40 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
www.rohm.com
© 2017 ROHM Co., Ltd. All rights reserved.
RGPR30BM40
400V 30A Ignition IGBT
Storage Temperature
Tstg
-
55 to +175
°C
PD
125
W
Power Dissipation
Operating Junction Temperature
Tj
-
40 to +175
°C
IC
30
A
Collector Current
Avalanche Energy (Single Pulse)
Tj = 25°C
EAS
300
mJ
Tj = 150°C
EAS*2
180
mJ
Collector - Emitter Voltage
VCES
430
V
Gate - Emitter Voltage
VGES
10
V
Emitter-Collector Voltage (VGE = 0V)
VEC
25
V
lAbsolute Maximum Ratings
(at TC = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Packing Code
TL
Marking
RGPR30BM40
lPackaging Specifications
6) Pb - free Lead Plating ; RoHS Compliant
Type
Packaging
Taping
Reel Size (mm)
330
lApplications
Tape Width (mm)
16
Ignition Coil Driver Circuits
Basic Ordering Unit (pcs)
2,500
Solenoid Driver Circuits
1) Low Collector - Emitter Saturation Voltage
2) High Self-Clamped Inductive Switching Energy
3) Built in Gate-Emitter Protection Diode
4) Built in Gate-Emitter Resistance
5) Qualified to AEC-Q101
lFeatures
lInner Circuit
lOutline
BVCES
40030V
TO-252
IC
30A
VCE(sat) (Typ.)
1.6V
EAS
300mJ
(1)
(2)
(3)
(1) Gate
(2) Collector
(3) Emitter
(1)
(2)
(3)
1/9
2017.05 - Rev.A


Podobny numer części - RGPR30BM40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RGPR30NS40 ROHM-RGPR30NS40 Datasheet
720Kb / 11P
   400V 30A Ignition IGBT
RGPR30NS40HR ROHM-RGPR30NS40HR Datasheet
1Mb / 11P
   400V 30A Ignition IGBT
More results

Podobny opis - RGPR30BM40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RGPR30NS40HR ROHM-RGPR30NS40HR Datasheet
1Mb / 11P
   400V 30A Ignition IGBT
RGPR30NS40 ROHM-RGPR30NS40 Datasheet
720Kb / 11P
   400V 30A Ignition IGBT
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
logo
Fairchild Semiconductor
HGTP14N40F3VL FAIRCHILD-HGTP14N40F3VL Datasheet
147Kb / 7P
   330mJ, 400V, N-Channel Ignition IGBT
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S_04 Datasheet
165Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
FGD3040G2 FAIRCHILD-FGD3040G2 Datasheet
664Kb / 10P
   EcoSPARK짰2 300mJ, 400V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S Datasheet
196Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
ISL9V2540S3ST FAIRCHILD-ISL9V2540S3ST_09 Datasheet
372Kb / 9P
   EcoSPARK N-Channel Ignition IGBT 250mJ, 400V
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
FGD3440G2 FAIRCHILD-FGD3440G2 Datasheet
464Kb / 9P
   EcoSPARK짰2 335mJ, 400V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com