Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RT2910A Arkusz danych(PDF) 6 Page - Richtek Technology Corporation

Numer części RT2910A
Szczegółowy opis  High Efficiency Inverting PWM Converter with Surge Stopper
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RICHTEK [Richtek Technology Corporation]
Strona internetowa  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2910A Arkusz danych(HTML) 6 Page - Richtek Technology Corporation

Back Button RT2910A Datasheet HTML 2Page - Richtek Technology Corporation RT2910A Datasheet HTML 3Page - Richtek Technology Corporation RT2910A Datasheet HTML 4Page - Richtek Technology Corporation RT2910A Datasheet HTML 5Page - Richtek Technology Corporation RT2910A Datasheet HTML 6Page - Richtek Technology Corporation RT2910A Datasheet HTML 7Page - Richtek Technology Corporation RT2910A Datasheet HTML 8Page - Richtek Technology Corporation RT2910A Datasheet HTML 9Page - Richtek Technology Corporation RT2910A Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
RT2910A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS2910A-00
August
2017
6
Absolute Maximum Ratings
(Note 1)
VHV, SNS to GND ---------------------------------------------------------------------------
60V to 85V
ENHV to GND --------------------------------------------------------------------------------
0.3V to 45V
ENHV Input Current ------------------------------------------------------------------------- 1mA
OUT to GND ----------------------------------------------------------------------------------
0.3V to 65V
GATE to GND---------------------------------------------------------------------------------
0.3V to (OUT+AMR(GATE to OUT))
GATE to OUT --------------------------------------------------------------------------------- Note 5
FB, TMR to GND-----------------------------------------------------------------------------
0.3V to 10V
SFB, CS, VB, POK, FDLY, COMP, RT, VREF, NFB, VL to GND -----------------
0.3V to 6V
VIN, 5VDET to GND ------------------------------------------------------------------------
0.3V to 8V
LX to VIN---------------------------------------------------------------------------------------
20V to 0.3V
TMR, FB, OUT, GATE
(Note 6) -------------------------------------------------------
10mA
Power Dissipation, PD @ TA = 25°C
WQFN-24L 5x5------------------------------------------------------------------------------- 3.57W
Package Thermal Resistance
(Note 2)
WQFN-24L 5x5,
JA ----------------------------------------------------------------------- 28°C/W
WQFN-24L 5x5,
JC ----------------------------------------------------------------------- 7°C/W
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------- 260
C
Junction Temperature --------------------------------------------------------------------- 150
C
Storage Temperature Range ------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
CDM (Discharge Device Model)---------------------------------------------------------- 1kV
HBM (Human Body Model)---------------------------------------------------------------- 2kV
MM (Machine Model) ----------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
HV Supply Input Voltage at VHV --------------------------------------------------------- 5V to 60V
HV Output Voltage at OUT ---------------------------------------------------------------- 4.5V to 60V
Supply Input Voltage at VIN --------------------------------------------------------------- 4V to 7V
Inverting Output Voltage, NVOUT--------------------------------------------------------- 12.5V to 0.5V
Junction Temperature Range -------------------------------------------------------------
40C to 125C


Podobny numer części - RT2910A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
RT290-20 MARKTECH-RT290-20 Datasheet
229Kb / 4P
   LEDs
RT290-20 MARKTECH-RT290-20_15 Datasheet
229Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5_15 Datasheet
229Kb / 4P
   LEDs
logo
STMicroelectronics
RT2901H STMICROELECTRONICS-RT2901H Datasheet
749Kb / 11P
   RobuST high-temperature low-power quad voltage comparators
More results

Podobny opis - RT2910A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC7860 LINER-LTC7860_15 Datasheet
828Kb / 26P
   High Efficiency Switching Surge Stopper
logo
Analog Devices
LTC7862 AD-LTC7862 Datasheet
1Mb / 32P
   140V High Efficiency Switching Surge Stopper
logo
Linear Technology
LTC7860 LINER-LTC7860 Datasheet
320Kb / 6P
   High Efficiency Switching Surge Stopper/EMI Filter
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
logo
Maxim Integrated Produc...
MAX1846 MAXIM-MAX1846 Datasheet
452Kb / 20P
   High-Efficiency, Current-Mode, Inverting PWM Controller
19-2091; Rev 0; 8/01
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
   Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
logo
Maxim Integrated Produc...
MAX1846EUB-T MAXIM-MAX1846EUB-T Datasheet
325Kb / 20P
   High-Efficiency, Current-Mode, Inverting PWM Controller
Rev 2; 9/10
logo
Linear Technology
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com