Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RT2910A Arkusz danych(PDF) 12 Page - Richtek Technology Corporation

Numer części RT2910A
Szczegółowy opis  High Efficiency Inverting PWM Converter with Surge Stopper
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RICHTEK [Richtek Technology Corporation]
Strona internetowa  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2910A Arkusz danych(HTML) 12 Page - Richtek Technology Corporation

Back Button RT2910A Datasheet HTML 8Page - Richtek Technology Corporation RT2910A Datasheet HTML 9Page - Richtek Technology Corporation RT2910A Datasheet HTML 10Page - Richtek Technology Corporation RT2910A Datasheet HTML 11Page - Richtek Technology Corporation RT2910A Datasheet HTML 12Page - Richtek Technology Corporation RT2910A Datasheet HTML 13Page - Richtek Technology Corporation RT2910A Datasheet HTML 14Page - Richtek Technology Corporation RT2910A Datasheet HTML 15Page - Richtek Technology Corporation RT2910A Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
RT2910A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS2910A-00
August
2017
12
NVOUT vs. Output Voltage
5.009
5.010
5.011
5.012
5.013
5.014
5.015
5.016
5.017
5.018
5.019
0
0.2
0.4
0.6
0.8
1
1.2
Output Current (A)
VIN = 5.5V , NVOUT = 5V
Quiescent Current vs. Ambient Temperature
550
600
650
700
750
800
850
900
950
4
5
6
7
8
Input Voltage (V)
VIN = 5.5V , NVOUT = 5V
TA = 40°C
TA = 25°C
TA = 105°C
NVOUT VS. Ambient Temperature
5.005
5.010
5.015
5.020
5.025
5.030
5.035
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VIN = 5.5V , NVOUT = 5V, TA = 40°C to 105°C
IOUT = 0A
IOUT = 0.5A


Podobny numer części - RT2910A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
RT290-20 MARKTECH-RT290-20 Datasheet
229Kb / 4P
   LEDs
RT290-20 MARKTECH-RT290-20_15 Datasheet
229Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5_15 Datasheet
229Kb / 4P
   LEDs
logo
STMicroelectronics
RT2901H STMICROELECTRONICS-RT2901H Datasheet
749Kb / 11P
   RobuST high-temperature low-power quad voltage comparators
More results

Podobny opis - RT2910A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC7860 LINER-LTC7860_15 Datasheet
828Kb / 26P
   High Efficiency Switching Surge Stopper
logo
Analog Devices
LTC7862 AD-LTC7862 Datasheet
1Mb / 32P
   140V High Efficiency Switching Surge Stopper
logo
Linear Technology
LTC7860 LINER-LTC7860 Datasheet
320Kb / 6P
   High Efficiency Switching Surge Stopper/EMI Filter
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
logo
Maxim Integrated Produc...
MAX1846 MAXIM-MAX1846 Datasheet
452Kb / 20P
   High-Efficiency, Current-Mode, Inverting PWM Controller
19-2091; Rev 0; 8/01
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
   Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
logo
Maxim Integrated Produc...
MAX1846EUB-T MAXIM-MAX1846EUB-T Datasheet
325Kb / 20P
   High-Efficiency, Current-Mode, Inverting PWM Controller
Rev 2; 9/10
logo
Linear Technology
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com