Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RT9107B Arkusz danych(PDF) 4 Page - Richtek Technology Corporation

Numer części RT9107B
Szczegółowy opis  Dual-Channel Digital Audio System
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RICHTEK [Richtek Technology Corporation]
Strona internetowa  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9107B Arkusz danych(HTML) 4 Page - Richtek Technology Corporation

  RT9107B Datasheet HTML 1Page - Richtek Technology Corporation RT9107B Datasheet HTML 2Page - Richtek Technology Corporation RT9107B Datasheet HTML 3Page - Richtek Technology Corporation RT9107B Datasheet HTML 4Page - Richtek Technology Corporation RT9107B Datasheet HTML 5Page - Richtek Technology Corporation RT9107B Datasheet HTML 6Page - Richtek Technology Corporation RT9107B Datasheet HTML 7Page - Richtek Technology Corporation RT9107B Datasheet HTML 8Page - Richtek Technology Corporation RT9107B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
RT9107B
4
DS9107B-00 November 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
Error Reporting
The A_SEL pin has two functions. When the device is
reset, the pin functions as device address selection. After
the device is reset, 0x05 bit 0 can be programmed to 1 to
change its function to error report. Any fault will pull A_SEL
to low when the A_SEL pin is used as error report pin.
Latched version report is available on 0x02 bit.
Clock Detection
The RT9107B is a slave device. It can accept SCLK to be
as 32fs, 48fs and 64fs and support only a 1xfs LRCK. The
internal Oscillator will check MCLK input constantly. If
MCLK is lost, the RT9107B will mute and shut down the
power stage automatically.
Built-in anti-pop Function
An internal soft-start function controls the duty ramp-up
rate of the output PWM voltage to minimize the pop noise
during start-up. Similarly, when power shutdown, the duty
also ramp-down to eliminate the pop noise. This function
also acts when the PWDNN pin turns ON/OFF.
Over Current Protection
The RT9107B provides OCP function to prevent the device
from damages during overload or short-circuit conditions.
The current are detected by an internal sensing circuit.
Once overload happens, the OCP function is designed to
operate in auto-recovery mode. The auto-recovery time
could be programmed by I2C.
Under Voltage Protection
The RT9107B monitors the voltage on PVDD. When the
voltage on PVDD_AB/CD falls below the under voltage
threshold, 8V (typ.), the UVP circuit turns off the output
immediately and operates in cycle by cycle auto-recovery
mode.
Over Voltage Protection
The RT9107B monitors the voltage on PVDD voltage
threshold. When the voltage on PVDD_AB/CD pin rise
above the over voltage threshold, 29V (typ.), the OVP
circuit turns off the output immediately and operates in
cycle by cycle auto-recovery mode.
Over Temperature Protection
The over temperature protection function will turn off the
power MOSFET when the junction temperature exceeds
150
°C. Once the junction temperature cools down by
approximately 20
°C, the regulator will automatically
resume operation.
Power
Stage
OUT_A
PVDD_AB
PVDD_CD
SCL
LRCK
BST_A
OC/OT/OV/UV
Protection
SDA
A_SEL
MCLK
OUT_C
OUT_B
BST_B
BST_C
PGND_AB
OUT_D
BST_D
PGND_CD
PCM2PWM
SDM
SRC
Digital
Filter
3D
EQ
Audio
Interface
De-pop
Control
Power Sequence
Control
Detection
PLL
Clock
Coefficient
SRAM
BUF
Control
REG
I
2C
SCLK
SDIN
VR_ANA VR_BIAS PLL_FILT RESETB DVDD DVSS DVDD AGND AVSS MUTE GVDD_CD
GVDD_AB
OC_ADJ
PWDNN
DVSSO
VR_DIG
OSC_RES


Podobny numer części - RT9107B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
RT9101 ETC1-RT9101 Datasheet
110Kb / 3P
   Rotational Transducer
logo
Richtek Technology Corp...
RT9101 RICHTEK-RT9101_11 Datasheet
442Kb / 12P
   2.65W PWM Class-D Power Amplifier
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
   15W Stereo Class-D Audio Power Amplifier
RT9108NB RICHTEK-RT9108NB Datasheet
1Mb / 15P
   15W Stereo Class-D Audio Power Amplifier
April 2013
More results

Podobny opis - RT9107B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STA333W STMICROELECTRONICS-STA333W Datasheet
660Kb / 42P
   2-channel high-efficiency digital audio system
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
   2.1-channel high-efficiency digital audio system
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
   2.1-channel high-efficiency digital audio system
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
   2.1-channel high-efficiency digital audio system
STA335W STMICROELECTRONICS-STA335W Datasheet
1Mb / 43P
   2.0-channel high-efficiency digital audio system
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
   2.1-channel high-efficiency digital audio system
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
   2.1-channel high-efficiency digital audio system
logo
Cirrus Logic
CS4225 CIRRUS-CS4225 Datasheet
385Kb / 30P
   Digital Audio Conversion System
logo
STMicroelectronics
STA321 STMICROELECTRONICS-STA321 Datasheet
2Mb / 157P
   4-channel digital audio system with FFX??driver
STA333W STMICROELECTRONICS-STA333W_10 Datasheet
1Mb / 49P
   2-channel high-efficiency digital audio system Sound Terminal?
January 2010 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com