Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RT9116 Arkusz danych(PDF) 1 Page - Richtek Technology Corporation

Numer części RT9116
Szczegółowy opis  10W Stereo Class-D Speaker Driver Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RICHTEK [Richtek Technology Corporation]
Strona internetowa  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9116 Arkusz danych(HTML) 1 Page - Richtek Technology Corporation

  RT9116 Datasheet HTML 1Page - Richtek Technology Corporation RT9116 Datasheet HTML 2Page - Richtek Technology Corporation RT9116 Datasheet HTML 3Page - Richtek Technology Corporation RT9116 Datasheet HTML 4Page - Richtek Technology Corporation RT9116 Datasheet HTML 5Page - Richtek Technology Corporation RT9116 Datasheet HTML 6Page - Richtek Technology Corporation RT9116 Datasheet HTML 7Page - Richtek Technology Corporation RT9116 Datasheet HTML 8Page - Richtek Technology Corporation RT9116 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9116
®
DS9116-00
November 2016
www.richtek.com
1
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configuration
(TOP VIEW)
WQFN-28L 4x5
10W Stereo Class-D Speaker Driver Amplifier
General Description
The RT9116 is a 10W per channel, high efficiency Class D
stereo audio amplifier for driving bridge tied load (BTL)
speakers. The RT9116 can drive stereo speakers with load
as low as 4
Ω. Its high efficiency eliminates the need for
an extra heat sink when playing music. The gain of the
amplifier can be controlled by gain select pins. The outputs
are fully protected against shorts to GND, PVCC, and
output to output with an auto recovery feature and monitored
output.
The RT9116 is available in the WQFN-28L 4x5 package.
Features
8V to 17V Input Supply Range

10W / CH for an 8
Ω
Ω
Ω
Ω
Ω Load, 13V Supply at 10%
THD +N

15W / CH for an 8
Ω
Ω
Ω
Ω
Ω Load, 16V Supply at 10%
THD +N

90% Efficiency Eliminates Need for Heat Sink
DC Detect Protection
Filter-Less Operation
Over-Temperature Protection (OTP) with Auto
Recovery Option
Surface Mount 28-Lead WQFN Package
Applications
LCD-TV
Monitors
Home Audio
Amusement Equipment
Electronic Music Equipment
Marking Information
Package Type
QW : WQFN-28L 4x5 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT9116
0J=YM
DNN
0J= : Product Code
YMDNN : Date Code
BSTNL
PVDDR
VOUTNR
BSTNR
VOUTPR
29
PVSS
1
2
3
4
5
6
7
8
14
9 10111213
23
28 27 26 25 24
22
21
20
19
18
17
16
15
VOUTPL
VOUTNL
PVDDL
INPR
NC
AVSS
GVDD
NC
INPL
INNR
INNL


Podobny numer części - RT9116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
RT9118GQW RICHTEK-RT9118GQW Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
More results

Podobny opis - RT9116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
448Kb / 17P
   10W10W Class-D Speaker Amplifier for Analog Input
BD5426MUV ROHM-BD5426MUV Datasheet
342Kb / 16P
   10W10W Class-D Speaker Amplifier for Analog Input
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
   10W Stereo Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
   10W Stereo Class-D Audio Power Amplifier
logo
Rohm
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5421EFS ROHM-BD5421EFS Datasheet
349Kb / 6P
   Stereo Class-D Power Amplifier for Speaker
BD5471MUV ROHM-BD5471MUV_13 Datasheet
667Kb / 25P
   Analog Input Stereo Class-D Speaker Amplifier
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com