Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RT9553A Arkusz danych(PDF) 7 Page - Richtek Technology Corporation

Numer części RT9553A
Szczegółowy opis  High Accuracy Current/Voltage Sensing and Protection IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RICHTEK [Richtek Technology Corporation]
Strona internetowa  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9553A Arkusz danych(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9553A Datasheet HTML 3Page - Richtek Technology Corporation RT9553A Datasheet HTML 4Page - Richtek Technology Corporation RT9553A Datasheet HTML 5Page - Richtek Technology Corporation RT9553A Datasheet HTML 6Page - Richtek Technology Corporation RT9553A Datasheet HTML 7Page - Richtek Technology Corporation RT9553A Datasheet HTML 8Page - Richtek Technology Corporation RT9553A Datasheet HTML 9Page - Richtek Technology Corporation RT9553A Datasheet HTML 10Page - Richtek Technology Corporation RT9553A Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT9553A
7
DS9553A-00
September 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Time (50
μs/Div)
OVP vs. Reset Behavior
OVSET
(1V/Div)
RESET
(1V/Div)
VCC = 5V , OVSET = 2.6V , VCSP from 19V to 25V
VCSP
(7V/Div)
OVP Recovery Hysteresis
7.2
7.3
7.4
7.5
7.6
7.7
7.8
7.9
8.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
OVSET (V)
VCC = 5V , OVSET = 0.4V to 3V
OVP Accuracy
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
OVSET (V)
VCC = 5V , OVSET = 0.4V to 3V
UVP Accuracy
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
UVSET (V)
VCC = 5V , UVSET = 0.4V to 3V
OCP Accuracy
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
ILIM (V)
VCC = 5V , RSENSE = 10m
Ω , ILIM = 0.4V to 2V
UVP Recovery Hysteresis
7.0
7.1
7.2
7.3
7.4
7.5
7.6
7.7
7.8
7.9
8.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
UVSET (V)
VCC = 5V , UVSET = 0.4V to 3V


Podobny numer części - RT9553A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Richtek Technology Corp...
RT9554A RICHTEK-RT9554A Datasheet
120Kb / 10P
   Battery Output Current Sense Protection IC
RT9554AGQW RICHTEK-RT9554AGQW Datasheet
120Kb / 10P
   Battery Output Current Sense Protection IC
More results

Podobny opis - RT9553A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
HV9912 MICROCHIP-HV9912 Datasheet
604Kb / 20P
   Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
logo
Supertex, Inc
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com