Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS81302DT11E-400I Arkusz danych(PDF) 5 Page - GSI Technology

Numer części GS81302DT11E-400I
Szczegółowy opis  JEDEC-standard pinout and package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302DT11E-400I Arkusz danych(HTML) 5 Page - GSI Technology

  GS81302DT11E-400I Datasheet HTML 1Page - GSI Technology GS81302DT11E-400I Datasheet HTML 2Page - GSI Technology GS81302DT11E-400I Datasheet HTML 3Page - GSI Technology GS81302DT11E-400I Datasheet HTML 4Page - GSI Technology GS81302DT11E-400I Datasheet HTML 5Page - GSI Technology GS81302DT11E-400I Datasheet HTML 6Page - GSI Technology GS81302DT11E-400I Datasheet HTML 7Page - GSI Technology GS81302DT11E-400I Datasheet HTML 8Page - GSI Technology GS81302DT11E-400I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
16M x 8 SigmaQuad-II SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
SA
SA
W
NW1
K
SA
R
SA
SA
CQ
B
NC
NC
NC
SA
NC/SA
(288Mb)
K
NW0
SA
NC
NC
Q3
C
NC
NC
NC
VSS
SA
NC
SA
VSS
NC
NC
D3
D
NC
D4
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
Q4
VDDQ
VSS
VSS
VSS
VDDQ
NC
D2
Q2
F
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
G
NC
D5
Q5
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q1
D1
K
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
L
NC
Q6
D6
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q0
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
D0
N
NC
D7
NC
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
Q7
SA
SA
QVLD
SA
SA
NC
NC
NC
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—15 x 17 mm2 Body—1 mm Bump Pitch
Notes:
1. NW0 controls writes to D0:D3. NW1 controls writes to D4:D7.
2. Pin B5 is the expansion address.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02c 8/2017
5/31
© 2011, GSI Technology
GS81302DT06/11/20/38E-500/450/400/350


Podobny numer części - GS81302DT11E-400I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS81302DT11E-450I GSI-GS81302DT11E-450I Datasheet
515Kb / 31P
   JEDEC-standard pinout and package
More results

Podobny opis - GS81302DT11E-400I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS8342DT38BD-550 GSI-GS8342DT38BD-550 Datasheet
524Kb / 30P
   JEDEC-standard pinout and package
GS8342QT37BD-300I GSI-GS8342QT37BD-300I Datasheet
503Kb / 29P
   JEDEC-standard pinout and package
GS8662Q37BD-333I GSI-GS8662Q37BD-333I Datasheet
502Kb / 28P
   JEDEC-standard pinout and package
GS8662QT19BGD-357 GSI-GS8662QT19BGD-357 Datasheet
501Kb / 28P
   JEDEC-standard pinout and package
GS81302DT10GE-350 GSI-GS81302DT10GE-350 Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS82582D37GE-400I GSI-GS82582D37GE-400I Datasheet
443Kb / 26P
   JEDEC-standard pinout and package
GS81302DT10E-350I GSI-GS81302DT10E-350I Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS81302DT37AGD-450 GSI-GS81302DT37AGD-450 Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS81302Q10GE-250I GSI-GS81302Q10GE-250I Datasheet
487Kb / 28P
   JEDEC-standard pinout and package
GS82582Q37GE-333I GSI-GS82582Q37GE-333I Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS8182D19BGD-333I GSI-GS8182D19BGD-333I Datasheet
554Kb / 27P
   JEDEC-standard pinout and package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com