Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSHA5201 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części TSHA5201
Szczegółowy opis  Infrared Emitting Diode, 875 nm, GaAlAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA5201 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  TSHA5201 Datasheet HTML 1Page - Vishay Siliconix TSHA5201 Datasheet HTML 2Page - Vishay Siliconix TSHA5201 Datasheet HTML 3Page - Vishay Siliconix TSHA5201 Datasheet HTML 4Page - Vishay Siliconix TSHA5201 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TSHA5200, TSHA5201, TSHA5202, TSHA5203
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 24-Aug-11
3
Document Number: 81019
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Pulse Forward Current vs. Pulse Duration
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Forward Voltage vs. Ambient Temperature
Fig. 6 - Radiant Intensity vs. Forward Current
TYPE DEDICATED CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 1 A, tp = 100 μs
TSHA5200
VF
2.8
3.5
V
TSHA5201
VF
2.8
3.5
V
TSHA5202
VF
2.8
3.5
V
TSHA5203
VF
2.8
3.5
V
Radiant intensity
IF = 100 mA, tp = 20 μs
TSHA5200
Ie
25
40
125
mW/sr
TSHA5201
Ie
30
50
125
mW/sr
TSHA5202
Ie
36
60
125
mW/sr
TSHA5203
Ie
50
65
125
mW/sr
IF = 1 A, tp = 100 μs
TSHA5200
Ie
200
330
mW/sr
TSHA5201
Ie
260
400
mW/sr
TSHA5202
Ie
330
460
mW/sr
TSHA5203
Ie
400
530
mW/sr
Radiant power
IF = 100 mA, tp = 20 μs
TSHA5200
φe
22
mW
TSHA5201
φe
23
mW
TSHA5202
φe
24
mW
TSHA5203
φe
25
mW
t p - Pulse Duration (ms)
94 8003
100
101
101
10-1
10-1
100
102
10-2
t p/T= 0.01
IFSM = 2.5 A (single pause)
0.05
0.1
0.2
0.5
VF - Forward Voltage (V)
94 8005
101
102
103
104
t
p = 100 µs
t
p/T= 0.001
4
3
2
1
0
0.7
0.8
0.9
1.0
1.1
1.2
94 7990
T
amb - Ambient Temperature (°C)
100
80
60
40
20
0
I
F = 10 mA
IF - Forward Current (mA)
94 8006
103
101
102
104
100
1
10
100
1000
TSHA 5200
TSHA 5201
TSHA 5202
TSHA 5203


Podobny numer części - TSHA5201

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TSHA5201 VISHAY-TSHA5201 Datasheet
89Kb / 6P
   GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSHA5201 VISHAY-TSHA5201 Datasheet
122Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 05-Sep-08
TSHA5201 VISHAY-TSHA5201 Datasheet
114Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 29-Jun-09
TSHA5201 VISHAY-TSHA5201 Datasheet
105Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA5201 VISHAY-TSHA5201 Datasheet
105Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
More results

Podobny opis - TSHA5201

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TSHA4401 VISHAY-TSHA4401_V02 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
TSHA6500 VISHAY-TSHA6500_09 Datasheet
101Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 2.0, 06-Oct-09
TSHA6200 VISHAY-TSHA6200 Datasheet
109Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
TSHA6203 VISHAY-TSHA6203_V01 Datasheet
108Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA4401 VISHAY-TSHA4401_V01 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA5500 VISHAY-TSHA5500_V01 Datasheet
104Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA6500 VISHAY-TSHA6500_V01 Datasheet
113Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA5500 VISHAY-TSHA5500 Datasheet
105Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
TSHA6200 VISHAY-TSHA6200_09 Datasheet
115Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.8, 25-Jun-09
TSHA4400 VISHAY-TSHA4400 Datasheet
119Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.8, 15-Sep-14
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com