Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB140 Arkusz danych(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Numer części SB140
Szczegółowy opis  1.0A SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Strona internetowa  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SB140 Arkusz danych(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SB140 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SB140 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1

10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
SB150 - SB1200
SB120 - SB140
T = 25 C
f = 1.0MHz
j
°
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100 C
j
°
T = 75 C
j
°
T = 25 C
j
°
100
10
1.0
0.1
0.01
0.001
0.1
1.0
10
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
20
0.2
0.0
0.4
0.6
0.8
1.0
T = 25 C
j
°
I Pulse Width = 300 s
F
µ
SB150 - SB160
SB120 - SB140
0
0.5
1.0
25
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
2 of 2
SB120 – SB1200
SB120 – SB1200
SB180 – SB1200
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100 C
j
°


Podobny numer części - SB140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB140 PANJIT-SB140 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
SB140 PANJIT-SB140 Datasheet
56Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SB140 VISHAY-SB140 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
Unisonic Technologies
SB140 UTC-SB140 Datasheet
129Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SB140 SEMTECH_ELEC-SB140 Datasheet
199Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SB140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zibo Seno Electronic En...
SR120 ZSELEC-SR120 Datasheet
96Kb / 2P
   1.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SR120 WTE-SR120_06 Datasheet
63Kb / 4P
   1.0A SCHOTTKY BARRIER DIODE
1N5817 WTE-1N5817_06 Datasheet
47Kb / 4P
   1.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
MBR120 ZSELEC-MBR120 Datasheet
135Kb / 2P
   1.0A SCHOTTKY BARRIER DIODE
MS102 ZSELEC-MS102 Datasheet
135Kb / 2P
   1.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB120 WTE-SB120_06 Datasheet
62Kb / 4P
   1.0A SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB162M-40 SUNMATE-RB162M-40 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS12F ZSELEC-SS12F Datasheet
87Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS12W ZSELEC-SS12W Datasheet
85Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
STPS0520Z ZSELEC-STPS0520Z Datasheet
148Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com