Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1741CDR2 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC1741CDR2
Szczegółowy opis  Internally Compensated, High Performance Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1741CDR2 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC1741CDR2 Datasheet HTML 1Page - ON Semiconductor MC1741CDR2 Datasheet HTML 2Page - ON Semiconductor MC1741CDR2 Datasheet HTML 3Page - ON Semiconductor MC1741CDR2 Datasheet HTML 4Page - ON Semiconductor MC1741CDR2 Datasheet HTML 5Page - ON Semiconductor MC1741CDR2 Datasheet HTML 6Page - ON Semiconductor MC1741CDR2 Datasheet HTML 7Page - ON Semiconductor MC1741CDR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC1741C
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC, VEE
±18
Vdc
Input Differential Voltage
VID
±30
V
Input Common Mode Voltage (Note 1.)
VICM
±15
V
Output Short Circuit Duration (Note 2.)
tSC
Continuous
Operating Ambient Temperature Range
TA
0 to +70
°C
Storage Temperature Range
Tstg
–55 to +125
°C
1. For supply voltages less than +15 V, the absolute maximum input voltage is equal to the supply voltage.
2. Supply voltage equal to or less than 15 V.
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 10 k)
VIO
2.0
6.0
mV
Input Offset Current
IIO
20
200
nA
Input Bias Current
IIB
80
500
nA
Input Resistance
ri
0.3
2.0
M
Input Capacitance
Ci
1.4
pF
Offset Voltage Adjustment Range
VIOR
±15
mV
Common Mode Input Voltage Range
VICR
±12
±13
V
Large Signal Voltage Gain (VO = ±10 V, RL ≥ 2.0 k)
AVOL
20
200
V/mV
Output Resistance
ro
75
Common Mode Rejection (RS ≤ 10 k)
CMR
70
90
dB
Supply Voltage Rejection (RS ≤ 10 k)
PSR
75
dB
Output Voltage Swing
VO
V
(RL ≥ 10 k)
±12
±14
(RL ≥ 2.0 k)
±10
±13
Output Short Circuit Current
ISC
20
mA
Supply Current
ID
1.7
2.8
mA
Power Consumption
PC
50
85
mW
Transient Response (Unity Gain, Noninverting)
(VI = 20 mV, RL ≥ 2.0 k, CL ≤ 100 pF) Rise Time
tTLH
0.3
µs
(VI = 20 mV, RL ≥ 2.0 k, CL ≤ 100 pF) Overshoot
os
15
%
(VI = 10 V, RL ≥ 2.0 k, CL ≤ 100 pF) Slew Rate
SR
0.5
V/
µs
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = Tlow to Thigh, unless otherwise noted.)*
Characteristic
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 10 kΩ)
VIO
7.5
mV
Input Offset Current (TA = 0° to +70°C )
IIO
300
nA
Input Bias Current (TA = 0° to +70°C )
IIB
800
nA
Supply Voltage Rejection (RS ≤ 10 k)
PSR
75
dB
Output Voltage Swing (RL ≥ 2.0 k)
VO
±10
±13
V
Large Signal Voltage Gain (RL ≥ 2.0 k, VO = ±10 V)
AVOL
15
V/mV
* Tlow = 0°CThigh = 70°C


Podobny numer części - MC1741CDR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1741CDR2 ONSEMI-MC1741CDR2 Datasheet
86Kb / 8P
   Internally Compensated, High Performance Operational Amplifier
April, 2000 - Rev. 6
More results

Podobny opis - MC1741CDR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1741C ONSEMI-MC1741C Datasheet
86Kb / 8P
   Internally Compensated, High Performance Operational Amplifier
April, 2000 - Rev. 6
logo
List of Unclassifed Man...
ECG941 ETC1-ECG941 Datasheet
507Kb / 8P
   INTERNALLY-COMPENSATED OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MC1556 MOTOROLA-MC1556 Datasheet
264Kb / 6P
   INTERNALLY COMPENSATED, HIGH PERFORMANCE OPERATONAL AMPLIFIER
logo
NXP Semiconductors
NE5532 PHILIPS-NE5532 Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
5532 PHILIPS-5532 Datasheet
308Kb / 4P
   Internally Compensated dual low noise Operational amplifier
logo
ON Semiconductor
NE5532 ONSEMI-NE5532 Datasheet
170Kb / 10P
   Internally Compensated Dual Low Noise Operational Amplifier
March, 2006 ??Rev. 1
logo
Fairchild Semiconductor
UA709 FAIRCHILD-UA709 Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Texas Instruments
UA777 TI-UA777 Datasheet
230Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
Unisonic Technologies
UD36061G-AG6-R UTC-UD36061G-AG6-R Datasheet
198Kb / 6P
   Internally Compensated
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com