Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE1745 Arkusz danych(PDF) 2 Page - NTE Electronics

Numer części NTE1745
Szczegółowy opis  Integrated Circuit High Speed Divider 1/20, 1/100 for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1745 Arkusz danych(HTML) 2 Page - NTE Electronics

  NTE1745 Datasheet HTML 1Page - NTE Electronics NTE1745 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TA = –10° to +75°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5
5.5
V
Low–Level Output Current
IOL
5
mA
Input Frequency
fIN
TA = +25°C
30
130
MHz
High Input Voltage (M Input)
VIH(M)
2.6
Vcc
V
Low Input Voltage (M Input)
VIL(M)
0
0.4
V
Input Signal Voltage
Vi
TA = +25°C
180
800
mVp–p
Circuit Current
ICC
VCC = 5V
6.5
mA
Low–Level Output Voltage
VOL
VCC = 4.5V, IOL = 5mA
0.5
V
Minimum Operating Frequency
fmax
VCC = 5V, TA = +25°C, VIN = 180mVp–p
130
MHz
High Input Current (M Input)
IIH(M)
VCC = 5V, VIH(M) = 2.6V
2
µA
Low Input Current (M Input)
IIL(M)
VCC = 5V, VIL(M) = 0.4V
0.1
µA
Output Leakage Current
IO(Leak) VCC = 5V, VO = 5.5V
100
µA
Vref Input Reference Bias
VCC
Pin Connection Diagram
(Front View)
To Open Collector Output
N.C.
GND
Frequency Division Ratio
Input (T)
N.C.
8
7
6
5
4
3
2
1
Selection Input (M)
.768 (19.52) Max
.118 (3.0) Max
18
.700 (17.78)
.100 (2.54) Typ
.165
(4.2)
Min
.264 (6.72)
Max


Podobny numer części - NTE1745

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE1740 NTE-NTE1740 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE1743 NTE-NTE1743 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE1744 NTE-NTE1744 Datasheet
22Kb / 3P
   Integrated Circuit Dual dbxII Noise Reduction System
NTE1747 NTE-NTE1747 Datasheet
31Kb / 3P
   Integrated Circuit TV Video Processing Circuit
NTE1748 NTE-NTE1748 Datasheet
59Kb / 3P
   Integrated Circuit DC Motor Driver
More results

Podobny opis - NTE1745

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE1499 NTE-NTE1499 Datasheet
18Kb / 1P
   Integrated Circuit 1/20 Frequency Divider
logo
Mitsubishi Electric Sem...
M54460L MITSUBISHI-M54460L Datasheet
189Kb / 2P
   1/10, 1/100 HIGH SPEED DIVIDER
logo
NTE Electronics
NTE1568 NTE-NTE1568 Datasheet
70Kb / 2P
   Integrated Circuit Frequency Divider/Generator for VCR
NTE1581 NTE-NTE1581 Datasheet
82Kb / 2P
   Integrated Circuit CMOS, Frequency Divider/Counter for VCR
NTE1710 NTE-NTE1710 Datasheet
24Kb / 3P
   Integrated Circuit Record/Playback Circuit for VCR
NTE1266 NTE-NTE1266 Datasheet
20Kb / 2P
   Integrated Circuit Color AGC Circuit for VCR
NTE1689 NTE-NTE1689 Datasheet
21Kb / 2P
   Integrated Circuit Head Amp Circuit for VCR
NTE1702 NTE-NTE1702 Datasheet
22Kb / 2P
   Integrated Circuit Color ACC Circuit for VCR
NTE1812 NTE-NTE1812 Datasheet
23Kb / 2P
   Integrated Circuit Capstan Interface Circuit for VCR
NTE15001 NTE-NTE15001 Datasheet
27Kb / 3P
   Integrated Circuit VIF & SIF Circuit for VCR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com