Zakładka z wyszukiwarką danych komponentów |
|
GS8342D10BGD-450I Arkusz danych(PDF) 9 Page - GSI Technology |
|
GS8342D10BGD-450I Arkusz danych(HTML) 9 Page - GSI Technology |
9 / 29 page GS8342D07/10/19/37BD-450/400/350/333/300 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.02a 8/2017 9/29 © 2011, GSI Technology FLXDrive-II Output Driver Impedance Control HSTL I/O SigmaQuad-II+ SRAMs are supplied with programmable impedance output drivers. The ZQ pin must be connected to VSS via an external resistor, RQ, to allow the SRAM to monitor and adjust its output driver impedance. The value of RQ must be 5X the value of the desired RAM output impedance. The allowable range of RQ to guarantee impedance matching continuously is between 175 and 350. Periodic readjustment of the output driver impedance is necessary as the impedance is affected by drifts in supply voltage and temperature. The SRAM’s output impedance circuitry compensates for drifts in supply voltage and temperature. A clock cycle counter periodically triggers an impedance evaluation, resets and counts again. Each impedance evaluation may move the output driver impedance level one step at a time towards the optimum level. The output driver is implemented with discrete binary weighted impedance steps. Input Termination Impedance Control These SigmaQuad-II+ SRAMs are supplied with programmable input termination on Data (D), Byte Write (BW), and Clock (K/K) input receivers. Input termination can be enabled or disabled via the ODT pin (6R). When the ODT pin is tied Low (or left floating —the pin has a small pull-down resistor), input termination is disabled. When the ODT pin is tied High, input termination is enabled. Termination impedance is programmed via the same RQ resistor (connected between the ZQ pin and VSS) used to program output driver impedance, and is nominally RQ*0.6 Thevenin-equivalent when RQ is between 175 and 250. Periodic readjustment of the termination impedance occurs to compensate for drifts in supply voltage and temperature, in the same manner as for driver impedance (see above). Note: When ODT = 1, Data (D), Byte Write (BW), and Clock (K, K) input termination is always enabled. Consequently, D, BW, K, K inputs should always be driven High or Low; they should never be tri-stated (i.e., in a High-Z state). If the inputs are tri-stated, the input termination will pull the signal to VDDQ/2 (i.e., to the switch point of the diff-amp receiver), which could cause the receiver to enter a meta-stable state and prevent the SRAM from operating within specification. Separate I/O SigmaQuad II+ B4 SRAM Truth Table Previous Operation A R W Current Operation D D D D Q Q Q Q K (tn-1) K (tn) K (tn) K (tn) K (tn) K (tn+1) K (tn+1½) K (tn+2) K (tn+2½) K (tn+2) K (tn+2½) K (tn+3) K (tn+3½) Deselect X 1 1 Deselect X X — — Hi-Z Hi-Z — — Write X 1 X Deselect D2 D3 — — Hi-Z Hi-Z — — Read X X 1 Deselect X X — — Q2 Q3 — — Deselect V 1 0 Write D0 D1 D2 D3 Hi-Z Hi-Z — — Deselect V 0 X Read X X — — Q0 Q1 Q2 Q3 Read V X 0 Write D0 D1 D2 D3 Q2 Q3 — — Write V 0 X Read D2 D3 — — Q0 Q1 Q2 Q3 Notes: 1. “1” = input “high”; “0” = input “low”; “V” = input “valid”; “X” = input “don’t care” 2. “—” indicates that the input requirement or output state is determined by the next operation. 3. Q0, Q1, Q2, and Q3 indicate the first, second, third, and fourth pieces of output data transferred during Read operations. 4. D0, D1, D2, and D3 indicate the first, second, third, and fourth pieces of input data transferred during Write operations. 5. Users should not clock in metastable addresses. |
Podobny numer części - GS8342D10BGD-450I |
|
Podobny opis - GS8342D10BGD-450I |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |