Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS8662D08BD-400 Arkusz danych(PDF) 6 Page - GSI Technology

Numer części GS8662D08BD-400
Szczegółowy opis  72Mb SigmaQuad-IITM Burst of 4 SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8662D08BD-400 Arkusz danych(HTML) 6 Page - GSI Technology

Back Button GS8662D08BD-400 Datasheet HTML 2Page - GSI Technology GS8662D08BD-400 Datasheet HTML 3Page - GSI Technology GS8662D08BD-400 Datasheet HTML 4Page - GSI Technology GS8662D08BD-400 Datasheet HTML 5Page - GSI Technology GS8662D08BD-400 Datasheet HTML 6Page - GSI Technology GS8662D08BD-400 Datasheet HTML 7Page - GSI Technology GS8662D08BD-400 Datasheet HTML 8Page - GSI Technology GS8662D08BD-400 Datasheet HTML 9Page - GSI Technology GS8662D08BD-400 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Pin Description Table
Symbol
Description
Type
Comments
SA
Synchronous Address Inputs
Input
R
Synchronous Read
Input
Active Low
W
Synchronous Write
Input
Active Low
BW0–BW3
Synchronous Byte Writes
Input
Active Low
x9/x18/x36 only
NW0–NW1
Nybble Write Control Pin
Input
Active Low
x8 only
K
Input Clock
Input
Active High
K
Input Clock
Input
Active Low
C
Output Clock
Input
Active High
C
Output Clock
Input
Active Low
TMS
Test Mode Select
Input
TDI
Test Data Input
Input
TCK
Test Clock Input
Input
TDO
Test Data Output
Output
VREF
HSTL Input Reference Voltage
Input
ZQ
Output Impedance Matching Input
Input
Qn
Synchronous Data Outputs
Output
Dn
Synchronous Data Inputs
Input
Doff
Disable DLL when low
Input
Active Low
CQ
Output Echo Clock
Output
CQ
Output Echo Clock
Output
VDD
Power Supply
Supply
1.8 V Nominal
VDDQ
Isolated Output Buffer Supply
Supply
1.5 or 1.8 V Nominal
VSS
Power Supply: Ground
Supply
NC
No Connect
GS8662D08/09/18/36BD-400/350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02d 8/2017
6/33
© 2011, GSI Technology
Notes:
1. NC = Not Connected to die or any other pin
2. When ZQ pin is directly connected to VDDQ, output impedance is set to minimum value and it cannot be connected to ground or left
unconnected.
3. C, C, K, K cannot be set to VREF voltage.


Podobny numer części - GS8662D08BD-400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS8662D08E GSI-GS8662D08E Datasheet
1Mb / 29P
   72Mb SigmaQuad-II Burst of 4 SRAM
GS8662D08E-167 GSI-GS8662D08E-167 Datasheet
1Mb / 29P
   72Mb SigmaQuad-II Burst of 4 SRAM
GS8662D08E-167I GSI-GS8662D08E-167I Datasheet
1Mb / 29P
   72Mb SigmaQuad-II Burst of 4 SRAM
GS8662D08E-200 GSI-GS8662D08E-200 Datasheet
1Mb / 29P
   72Mb SigmaQuad-II Burst of 4 SRAM
GS8662D08E-200I GSI-GS8662D08E-200I Datasheet
1Mb / 29P
   72Mb SigmaQuad-II Burst of 4 SRAM
More results

Podobny opis - GS8662D08BD-400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS8662D36BD-333 GSI-GS8662D36BD-333 Datasheet
579Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662Q08BD-333I GSI-GS8662Q08BD-333I Datasheet
677Kb / 34P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q18BD-300 GSI-GS8662Q18BD-300 Datasheet
677Kb / 34P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q36BGD-300I GSI-GS8662Q36BGD-300I Datasheet
677Kb / 34P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q09BGD-200 GSI-GS8662Q09BGD-200 Datasheet
677Kb / 34P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q18BD-300M GSI-GS8662Q18BD-300M Datasheet
513Kb / 32P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582D36E-375 GSI-GS82582D36E-375 Datasheet
529Kb / 30P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582D18GE-333I GSI-GS82582D18GE-333I Datasheet
529Kb / 30P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D08BGD-250 GSI-GS8342D08BGD-250 Datasheet
580Kb / 34P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8182D09BGD-333 GSI-GS8182D09BGD-333 Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com