Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCP55 Arkusz danych(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części BCP55
Szczegółowy opis  SOT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BCP55 Arkusz danych(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BCP55 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCP55 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCP55 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCP55 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Trailer Tape
Leader Tape
51±1 Empty Pockets
51±1 Empty Pockets
Components
SOT-223 Embossed Carrier Tape
SOT-223 Tape Leader and Trailer
SOT-223 Reel
Pkg type
SOT-223
Dimensions are in millimeter
A
B
C
d
E
F
P0
P
P1
W
6.765
7.335
1.88
Ø1.50
1.75
5.50
4.00
8.00
2.00
12.00
Packaging Description:
SOT-223 parts are shipped in tape. The carrier
tape is made from a dissipative (carbon filled)
polycarbonate resin. The cover tape is a multilayer
film (Heat Activated Adhesive in nature) primarily
composed of polyester film, adhesive layer, sealant,
and anti-static sprayed agent. These reeled parts in
standard option are shipped with 2,500 units per 13"
or 33.0cm diameter reel. The reels are clear in color
and is made of polystyrene plastic (anti-static
coated).
P
P0
P1
A
A
A
A
A-A
C
A
REEL
Reel Size
Box
Box Size(mm)
Carton
Carton Size(mm)
G.W.(kg)
2,500 pcs
13 inch
2,500 pcs
336×336×48
20,000 pcs
445×355×365
D
W1
W2
Reel Option
13''Dia
Dimensions are in millimeter
D
D1
D2
G
H
I
W1
W2
Ø330.00
100.00
13.00
R151.00
R56.00
R6.50
12.40
17.60
I
SOT-223 Tape and Reel
www.cj-elec.com
4
G,Jan,2017


Podobny numer części - BCP55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BCP55 PHILIPS-BCP55 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Infineon Technologies A...
BCP55 INFINEON-BCP55 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
logo
Nexperia B.V. All right...
BCP55 NEXPERIA-BCP55 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
logo
STMicroelectronics
BCP55 STMICROELECTRONICS-BCP55 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
logo
SHENZHEN YONGERJIA INDU...
BCP55 WINNERJOIN-BCP55 Datasheet
186Kb / 3P
   TRANSISTOR (NPN)
More results

Podobny opis - BCP55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
CZT32C DGNJDZ-CZT32C Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA06 DGNJDZ-PZTA06 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com