Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP32CF Arkusz danych(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części TIP32CF
Szczegółowy opis  TO-220F Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TIP32CF Arkusz danych(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TIP32CF Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP32CF Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP32CF Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.cj-elec.com
B,May,2016
1
TO-220F
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220F Plastic-Encapsulate Transistors
TIP32CF
TRANSISTOR (PNP)
FEATURES
Large current capacitance
Complementary NPN Types:TIP31CF
APPLICATIONS
Medium power linear switching applications
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-3
A
Collector Power Dissipation
PC
2
W
Thermal Resistance From Junction To Ambient
RθJA
62.5
℃/W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-1mA,IE=0
-100
V
Collector-emitter Sustaining voltage
VCEO(SUS)*
IC=-30mA,IB=0
-100
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-100V,IE=0
-200
μA
Collector cut-off current
ICEO
VCE=-60V,IB=0
-300
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-1
mA
hFE(1)
VCE=-4V, IC=-1A
25
DC current gain
hFE(2)
VCE=-4V, IC=-3A
15
75
Collector-emitter saturation voltage
VCE(sat)
IC=-3A,IB=-0.375A
-1.2
V
Base-emitter voltage
VBE
VCE=-4V, IC=-3A
-1.8
V
Transition frequency
fT
VCE=-10V,IC=-0.5A
3
MHz
Notes: Pulse Test : Pulse Width≤300µs, duty cycle ≤2%.
1
3
2


Podobny numer części - TIP32CF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
TIP32CF KEC-TIP32CF Datasheet
357Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
TIP32CF KEC-TIP32CF_15 Datasheet
442Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results

Podobny opis - TIP32CF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
KSA614F JIANGSU-KSA614F Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
KSD1408 JIANGSU-KSD1408 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
TIP42CF JIANGSU-TIP42CF Datasheet
803Kb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SB946 JIANGSU-2SB946 Datasheet
684Kb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SD2012 JIANGSU-2SD2012 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SD1761 JIANGSU-2SD1761 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SD2061 JIANGSU-2SD2061 Datasheet
82Kb / 2P
   TO-220F Plastic-Encapsulate Transistors
KSC5021F JIANGSU-KSC5021F Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
KTD2061 JIANGSU-KTD2061 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SA2050 JIANGSU-2SA2050 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SB1370 JIANGSU-2SB1370 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com