Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP32CF Arkusz danych(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części TIP32CF
Szczegółowy opis  TO-220F Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TIP32CF Arkusz danych(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TIP32CF Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP32CF Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP32CF Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-0.1
-1
-10
10
100
1000
10000
-1
-10
-100
-1000
0
20
40
60
80
100
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-10
-100
-1000
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
-1
-10
-100
-1000
-0.01
-0.1
-0
-2
-4
-6
-8
-0
-1
-2
-3
-4
-1
-10
-100
-1000
-0.0
-0.4
-0.8
-1.2
f=1MHz
I
E=0/IC=0
T
a=25
-20
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
-0.5
COMMON EMITTER
V
CE=-4V
-3000
I
C
T
a=25
T
a=100
COLLECTOR CURRENT
I
C
(mA)
V
BE
I
C
——
COMMON EMITTER
V
CE=-4V
-3000
T
a=100
T
a=25
BASE-EMMITER VOLTAGE V
BE (V)
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
h
FE
——
-3000
β=8
T
a=100
T
a=25
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)
Static Characteristic
-100mA
-90mA
-80mA
-70mA
-60mA
-50mA
-40mA
-30mA
-20mA
I
B=-10mA
COMMON EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
-3000
β=8
I
C
V
BEsat
——
T
a=100
T
a=25
COLLECTOR CURRENT
I
C
(mA)
www.cj-elec.com
2
B,May,2015
Typical Characteristics


Podobny numer części - TIP32CF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
TIP32CF KEC-TIP32CF Datasheet
357Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
TIP32CF KEC-TIP32CF_15 Datasheet
442Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results

Podobny opis - TIP32CF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
KSA614F JIANGSU-KSA614F Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
KSD1408 JIANGSU-KSD1408 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
TIP42CF JIANGSU-TIP42CF Datasheet
803Kb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SB946 JIANGSU-2SB946 Datasheet
684Kb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SD2012 JIANGSU-2SD2012 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SD1761 JIANGSU-2SD1761 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SD2061 JIANGSU-2SD2061 Datasheet
82Kb / 2P
   TO-220F Plastic-Encapsulate Transistors
KSC5021F JIANGSU-KSC5021F Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
KTD2061 JIANGSU-KTD2061 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SA2050 JIANGSU-2SA2050 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SB1370 JIANGSU-2SB1370 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com