Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-2531 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części HCPL-2531
Szczegółowy opis  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-2531 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button HCPL-2531 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 9Page - Fairchild Semiconductor HCPL-2531 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.fairchildsemi.com
Single-channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.3
Isolation Characteristics (TA = 0 to 70°C Unless otherwise specified)
Notes
1.
Derate linearly above 70°C free-air temperature at a rate of 0.8 mA/°C.
2.
Derate linearly above 70°C free-air temperature at a rate of 1.6 mA/°C.
3.
Derate linearly above 70°C free-air temperature at a rate of 0.9 mW/°C.
4.
Derate linearly above 70°C free-air temperature at a rate of 2.0 mW/°C.
5.
Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF, times 100%.
6.
The 4.1 k
Ω load represents 1 LSTTL unit load of 0.36 mA and 6.1kΩ pull-up resistor.
7.
The 1.9 k
Ω load represents 1 TTL unit load of 1.6 mA and 5.6 kΩ pull-up resistor.
8.
Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge of the com-
mon mode pulse signal VCM, to assure that the output will remain in a logic high state (i.e., VO>2.0 V). Common mode transient
immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common mode pulse signal,
VCM, to assure that the output will remain in a logic low state (i.e., VO<0.8 V).
9. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted together.
10. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
I
Characteristics
Test Conditions
Symbol
Min
Typ**
Max
Unit
Input-output
insulation leakage current
(Relative humidity = 45%)
(TA = 25°C, t = 5 s)
(VI-O = 3000 VDC)
(Note 9)
II-O
1.0
µA
Withstand insulation test voltage
(RH
≤ 50%, TA = 25°C)
(Note 9) ( t = 1 min.)
VISO
2500
VRMS
Resistance (input to output)
(Note 9) (VI-O = 500 VDC)
RI-O
1012
Capacitance (input to output)
(Note 9) (f = 1 MHz)
CI-O
0.6
pF
DC Current gain
(IO = 3 mA, VO = 5 V)
HFE
150
Input-Input
Insulation leakage current
(RH
≤ 45%, VI-I = 500 VDC) (Note 10)
t = 5 s, (HCPL-2530/2531 only)
II-I
0.005
µA
Input-Input Resistance
(VI-I = 500 VDC) (Note 10)
(HCPL-2530/2531 only)
RI-I
1011
Input-Input Capacitance
(f = 1 MHz) (Note 10)
(HCPL-2530/2531 only)
CI-I
0.03
pF


Podobny numer części - HCPL-2531

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HCPL-2531 QT-HCPL-2531 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2531 HP-HCPL-2531 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
More results

Podobny opis - HCPL-2531

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com