Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS8182D37BD-435 Arkusz danych(PDF) 1 Page - GSI Technology

Numer części GS8182D37BD-435
Szczegółowy opis  18Mb SigmaQuad-II Burst of 4 SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8182D37BD-435 Arkusz danych(HTML) 1 Page - GSI Technology

  GS8182D37BD-435 Datasheet HTML 1Page - GSI Technology GS8182D37BD-435 Datasheet HTML 2Page - GSI Technology GS8182D37BD-435 Datasheet HTML 3Page - GSI Technology GS8182D37BD-435 Datasheet HTML 4Page - GSI Technology GS8182D37BD-435 Datasheet HTML 5Page - GSI Technology GS8182D37BD-435 Datasheet HTML 6Page - GSI Technology GS8182D37BD-435 Datasheet HTML 7Page - GSI Technology GS8182D37BD-435 Datasheet HTML 8Page - GSI Technology GS8182D37BD-435 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
GS8182D19/37BD-435/400/375/333/300
18Mb SigmaQuad-II+
Burst of 4 SRAM
435 MHz–300 MHz
1.8 V VDD
1.8 V and 1.5 V I/O
165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.03a 11/2011
1/27
© 2008, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• 2.0 Clock Latency
• Simultaneous Read and Write SigmaQuad™ Interface
• JEDEC-standard pinout and package
• Dual Double Data Rate interface
• Byte Write controls sampled at data-in time
• Burst of 4 Read and Write
• 1.8 V +100/–100 mV core power supply
• 1.5 V or 1.8 V HSTL Interface
• Pipelined read operation
• Fully coherent read and write pipelines
• ZQ pin for programmable output drive strength
• Data Valid Pin (QVLD)
• IEEE 1149.1 JTAG-compliant Boundary Scan
• 165-bump, 13 mm x 15 mm, 1 mm bump pitch BGA package
• RoHS-compliant 165-bump BGA package available
SigmaQuad™ Family Overview
The GS8182D19/37D are built in compliance with the
SigmaQuad-II+ SRAM pinout standard for Separate I/O
synchronous SRAMs. They are 18,874,368-bit (18Mb)
SRAMs. The GS8182D19/37D SigmaQuad SRAMs are just
one element in a family of low power, low voltage HSTL I/O
SRAMs designed to operate at the speeds needed to implement
economical high performance networking systems.
Clocking and Addressing Schemes
The GS8182D19/37D SigmaQuad-II+ SRAMs are
synchronous devices. They employ two input register clock
inputs, K and K. K and K are independent single-ended clock
inputs, not differential inputs to a single differential clock input
buffer.
Each internal read and write operation in a SigmaQuad-II B4
RAM is four times wider than the device I/O bus. An input
data bus de-multiplexer is used to accumulate incoming data
before it is simultaneously written to the memory array. An
output data multiplexer is used to capture the data produced
from a single memory array read and then route it to the
appropriate output drivers as needed. Therefore the address
field of a SigmaQuad-II B4 RAM is always two address pins
less than the advertised index depth (e.g., the 2M x 8 has a
512K addressable index).
Parameter Synopsis
-435
-400
-375
-333
-300
tKHKH
2.3 ns
2.5 ns
2.67 ns
3.3 ns
3.0 ns
tKHQV
0.45 ns
0.45 ns
0.45 ns
0.45 ns
0.45 ns


Podobny numer części - GS8182D37BD-435

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS8182D37BD-400 GSI-GS8182D37BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results

Podobny opis - GS8182D37BD-435

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS8182D19BD-375I GSI-GS8182D19BD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BGD-333 GSI-GS8182D19BGD-333 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375 GSI-GS8182D37BGD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D18D GSI-GS8182D18D Datasheet
772Kb / 27P
   18Mb Burst of 4 SigmaQuad-II SRAM
GS8182D37BD-400 GSI-GS8182D37BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-375 GSI-GS8182D37BD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375I GSI-GS8182D37BGD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-400 GSI-GS8182D19BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BGD-375I GSI-GS8182D19BGD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com