Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS30L60CTG-A Arkusz danych(PDF) 1 Page - Chip Integration Technology Corporation

Numer części CS30L60CTG-A
Szczegółowy opis  30A Low Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CITC [Chip Integration Technology Corporation]
Strona internetowa  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CS30L60CTG-A Arkusz danych(HTML) 1 Page - Chip Integration Technology Corporation

  CS30L60CTG-A Datasheet HTML 1Page - Chip Integration Technology Corporation CS30L60CTG-A Datasheet HTML 2Page - Chip Integration Technology Corporation CS30L60CTG-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Halogen-free part
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
30A Low Barrier Diode
I
O
I
F S M
T , T
J
S T G
Forward rectified current (total device)
Forward surge current (per diode)
Thermal resistance(1) (per diode)
Operating and Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CS30L60CTG-A
UNIT
-65 ~ +150
30
280
A
A
O C/W
O C
2
R
θ J C
Junction to case
Marking code
CS30L60CT
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
V
R M
V
RW M
V
R R M
60
V
O
T = 110 C
C
V
F
I
R
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
60
0.5
mV
mA
MIN.
MAX.
O
I = 15A, T = 25 C
F
J
O
I = 15A, T = 125 C
F
J
550
600
Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate.
CS30L60CTG-A
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC TO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
Document ID : DS-11KHB
Revised Date : 2015/08/03
Revision : C
PIN 1
PIN 3
PIN 2
0.50(12.70) MIN
0.196(5.00)
0.163(4.16)
0.054(1.39)
0.045(1.15)
0.624(15.87)
0.548(13.93)
0.025(0.65) MAX
0.177(4.50) MAX
TO-220AB
0.269(6.85)
0.226(5.75)
0.1(2.54)
0.419(10.66)
0.387(9.85 )
0.038(0.96)
0.019(0.50)
0.139(3.55 )
MIN
Main Product Characteristics
I
F ( AV )
2x15A
V
R R M
T
J
V
f m a x )
60V
O
150 C
0.58V


Podobny numer części - CS30L60CTG-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chip Integration Techno...
CS30L60CT CITC-CS30L60CT Datasheet
472Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30L60CT-A CITC-CS30L60CT-A Datasheet
472Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

Podobny opis - CS30L60CTG-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chip Integration Techno...
CSF30L50CT-A CITC-CSF30L50CT-A Datasheet
467Kb / 3P
   30A Low Barrier Diode
CST30L40CT CITC-CST30L40CT Datasheet
465Kb / 3P
   30A Trench Low Barrier Diode
CSTF30L40CT CITC-CSTF30L40CT Datasheet
479Kb / 3P
   30A Trench Low Barrier Diode
CST3040CT CITC-CST3040CT Datasheet
465Kb / 3P
   30A Trench Low Barrier Diode
CSTF3040CT CITC-CSTF3040CT Datasheet
479Kb / 3P
   30A Trench Low Barrier Diode
logo
Renesas Technology Corp
RJS6005WDPK RENESAS-RJS6005WDPK Datasheet
64Kb / 4P
   600V - 30A - Diode SiC Schottky Barrier Diode
RJS6005WDPK RENESAS-RJS6005WDPK_15 Datasheet
68Kb / 4P
   600V - 30A - Diode SiC Schottky Barrier Diode
logo
Nihon Inter Electronics...
PC80QL03N NIEC-PC80QL03N Datasheet
50Kb / 2P
   Schottky Barrier Diode MODULE 80A/30A
TCQ30B04 NIEC-TCQ30B04 Datasheet
76Kb / 6P
   Schottky Barrier Diode - 30A 40V Cathode Common
logo
Sanken electric
FMB-2306 SANKEN-FMB-2306 Datasheet
19Kb / 1P
   30A Schottky barrier diode in TO220F package
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com