Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G126 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74HCT1G126
Szczegółowy opis  Bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G126 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT1G126 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 9Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 10Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 11Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 12Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 13Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 14Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2002 May 15
11
Philips Semiconductors
Product specification
Bus buffer/line driver; 3-state
74HC1G126; 74HCT1G126
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT753
SC-74A
wB
M
bp
D
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
Plastic surface mounted package; 5 leads
SOT753
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.100
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
02-04-16


Podobny numer części - 74HCT1G126

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G126 PHILIPS-74HCT1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
74HCT1G126 NXP-74HCT1G126 Datasheet
83Kb / 12P
   Bus buffer/line driver; 3-state
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74HCT1G126 NEXPERIA-74HCT1G126 Datasheet
223Kb / 12P
   Bus buffer/line driver; 3-state
Rev. 5 - 17 January 2022
logo
NXP Semiconductors
74HCT1G126GV NXP-74HCT1G126GV Datasheet
83Kb / 12P
   Bus buffer/line driver; 3-state
Rev. 04-20 July 2007
74HCT1G126GV PHILIPS-74HCT1G126GV Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results

Podobny opis - 74HCT1G126

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com